| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT600 bảng dữ liệu(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
RT600 bảng dữ liệu(HTML) 64 Page - NXP Semiconductors |
|
64 / 171 page ![]() RT600 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors B.V. 2023. All rights reserved. Product data sheet Rev. 2.1 — 7 July 2023 64 of 173 NXP Semiconductors RT600 Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4 Audio DSP CPUs 17 0x4015 0000 0x5015 0000 No PowerQuad coprocessor. 0x4015 1000 0x5015 1000 Casper coprocessor. 0x4015 2000 0x5015 2000 Casper RAM interface. 0x4015 4000 0x5015 4000 Secure HS GPIO (alternate 32-bit GPIO facility that can be secured separately from the main GPIO). 0x4015 8000 0x5015 8000 Hash-AES registers. Table 14. AHB peripheral memory map …continued AHB port Non-secure base address Secure base address Accessible by HiFi 4? Peripheral |