| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5464 bảng dữ liệu(PDF) 29 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5464 bảng dữ liệu(HTML) 29 Page - Cirrus Logic |
|
29 / 46 page ![]() CS5464 DS682PP1 29 6.1.2 Instantaneous Current (I, I2), Voltage (V, V2), and Power (P, P2) Registers Address: 1 (I), 2 (V), 3 (P), 7 (I2), 8 (V2), 9 (P2) I (I2) and V (V2)contain the instantaneous measured values for current and voltage, respectively. The instanta- neous voltage (voltage 2) and current (current 2) samples are multiplied to obtain Instantaneous Power, P (P2). The value is represented in two's complement notation and in the range of -1.0 ≤ I, V, P < 1.0 (-1.0 ≤ I2, V2, P2 < 1.0), with the binary point to the right of the MSB. 6.1.3 Active (Real) Power (PActive, P2Active) Registers Address: 4 (PActive), 10 (P2Active) The instantaneous power is averaged over each computation cycle (N conversions) to compute Active Power, PActive (P2Active). The value will be within in the range of -1.0 ≤ PActive< 1.0 (-1.0 ≤ P2Active< 1.0). The value is rep- resented in two's complement notation, with the binary point to the right of the MSB. 6.1.4 RMS Current (IRMS, I2RMS) & Voltage (VRMS, V2RMS) Registers Address: 5 (IRMS), 6 (VRMS), 11 (I2RMS), 12 (V2RMS) IRMS (I2RMS) and VRMS (V2RMS) contain the Root Mean Square (RMS) values of I (I2) and V (V2), calculated each computation cycle. The value is represented in unsigned binary notation and in the range of 0.0 ≤ IRMS,VRMS < 1.0 (0.0 ≤ I2RMS,V2RMS < 1.0), with the binary point to the left of the MSB. 6.1.5 Instantaneous Reactive Power (Q, Q2) Registers Address: 14 (Q), 17 (Q2) The Instantaneous Reactive Power (Q, Q2) is the product of the voltage (voltage 2) signal, shifted 90 degrees, and the current (current 2) signal. The value is represented in two's complement notation and in the range of -1.0 < Q < 1.0 (1.0 < Q2 < 1.0), with the binary point to the right of the MSB. 6.1.6 Average Reactive Power (QAvg, Q2Avg) Registers Address: 13 (QAvg), 16 (Q2Avg) The Average Reactive Power (QAVG, Q2AVG) is Q (Q2) averaged over N samples. The value is represented in two's complement notation and in the range of -1.0 < QAVG < 1.0 (-1.0 < Q2AVG < 1.0), with the binary point to the right of the MSB. MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 ..... 2-18 2-19 2-20 2-21 2-22 2-23 2-24 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 |