công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2120 bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện MCP2120
Giải thích chi tiết về linh kiện  Infrared Encoder/Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 4Page - Microchip Technology MCP2120 Datasheet HTML 5Page - Microchip Technology MCP2120 Datasheet HTML 6Page - Microchip Technology MCP2120 Datasheet HTML 7Page - Microchip Technology MCP2120 Datasheet HTML 8Page - Microchip Technology MCP2120 Datasheet HTML 9Page - Microchip Technology MCP2120 Datasheet HTML 10Page - Microchip Technology MCP2120 Datasheet HTML 11Page - Microchip Technology MCP2120 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP2122
DS21894B-page 8
Preliminary
 2004 Microchip Technology Inc.
2.4.1
BAUD RATE
The baud rate for the MCP2122 is determined by the
frequency of the 16XCLK signal. Equation 2-1
demonstrates how to calculate the 16XCLK frequency
based on the desired baud rate. Table 2-3 shows some
common baud rates and the corresponding 16XCLK
frequency.
EQUATION 2-1:
16XCLK FREQUENCY
TABLE 2-3:
COMMON BAUD RATE/
16XCLK FREQUENCY
2.5
Encoder/Decoder
The IR encoder/decoder is made up of two major
components. They are:
• IR Decoder
• IR Encoder
The encoder receives UART data (bit by bit) and
outputs a data bit in the IrDA standard bit format.
Figure 2-8 shows a functional block diagram of the
encoder.
The decoder receives IrDA standard data (bit by bit)
and outputs data in UART data bit format. Figure 2-8
shows a functional block diagram of the decoder.
The encoder/decoder has two interfaces. They are:
• Host UART interface
•IR interface
2.5.1
ENCODING (MODULATION)
Each bit time is comprised of 16 bit clocks. If the value
to be transmitted (as determined by the TX pin) is a
logic-low, the TXIR pin will output a low level for 7-bit
clock cycles, a logic-high level for 3-bit clock (with a
maximum high-time of about 4 µs) cycles, with the
remaining time (6-bit clock cycles or more) being low. If
the value to transmit is a logic-high, the TXIR pin will
output a low level for the entire 16 bit clock cycle.
2.5.2
DECODING (DEMODULATION)
Each bit time is comprised of 16 bit clocks. If the value
to be received is a logic-low, the RXIR pin will be a low
level for the first 3-bit clock cycle (or a minimum of
1.6 µs), with the remaining time (13-bit clock cycles)
being high. If the value to be received is a logic-high,
the RXIR pin will be a high level for the entire 16-bit
clock cycle. The level on the RX pin will be in the
appropriate state for an entire 16-bit clock cycle.
FIGURE 2-8:
MCP2122 RECEIVE DETECT TO ENCODER/DECODER BLOCK DIAGRAM
Baud
Rate
16XCLK
Frequency
(F16XCLK)
Comment
9600
153,600
19,200
307,200
38,400
614,400
57,600
921,600
115,200
1,843,200
F16XCLK
16 (Desired Baud Rate)
•
=
TXIR
Glitch
Filter
Decode
RX
RXIR
Pulse Width
Limiter
Encode
TX
The following table shows the state on the RESET pin and how this effects the operation of the TXIR pin.
RESET State
Comment
VIH
TXIR output encoded value of TX pin
VIL
TXIR is forced low
(~ 4 µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com