công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2120 bảng dữ liệu(PDF) 27 Page - Microchip Technology

tên linh kiện MCP2120
Giải thích chi tiết về linh kiện  Infrared Encoder/Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 bảng dữ liệu(HTML) 27 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 23Page - Microchip Technology MCP2120 Datasheet HTML 24Page - Microchip Technology MCP2120 Datasheet HTML 25Page - Microchip Technology MCP2120 Datasheet HTML 26Page - Microchip Technology MCP2120 Datasheet HTML 27Page - Microchip Technology MCP2120 Datasheet HTML 28Page - Microchip Technology MCP2120 Datasheet HTML 29Page - Microchip Technology MCP2120 Datasheet HTML 30Page - Microchip Technology MCP2120 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS21894B-page 27
MCP2122
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Example
:
GMCP2122
E/P256
0423
MCP2122
E/P
256
0503
Or
8-Lead PDIP (300 mil)
Legend: XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard device marking consists of Microchip part number, year code, week code, and traceability
code.
XXXXXXXX
XXXXXNNN
YYWW
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
GMCP2122
E/SN0423
256
MCP2122E
SN
0503
256
Or
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34