công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FBA04T12LSB bảng dữ liệu(PDF) 5 Page - Panasonic Semiconductor

tên linh kiện FBA04T12LSB
Giải thích chi tiết về linh kiện  Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FBA04T12LSB bảng dữ liệu(HTML) 5 Page - Panasonic Semiconductor

  FBA04T12LSB Datasheet HTML 1Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 2Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 3Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 4Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 5Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 6Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PANAFLO FAN PRODUCT DESIGNATION CODE
Panaflo Fan
F
B AO8A1 2
H1A S
Bearing Type
A: HWB (Hydro Wave)
K: Ball Bearing (40mm Only)
Housing Size
04: 40 x 40mm
06: 60 x 60mm
08: 80 x 80mm
09: 92 x 92mm
12: 120 x 120mm
Housing Thickness
A: 25.5mm
T: 15mm (Thin)
G: 38mm
F: 20mm
Rated Voltage
12: 12 VDC
24: 24 VDC
05: 5 VDC
Speed
L: Low
M: Middle
H: High
U: Ultra High
V: Variable (Option)
Lead Wire (FBA Only)
A: Standard 2 leads (GND, PWR)
B: Standard 3 leads (GND, PWR, Signal)
C: 3rd lead thermal sensor (variable)
Option
S: Locked rotor alarm sensor
Z: Solid corner housing
X: 2 PPR speed sensor (TAC Output)
O: S + Z
1: Hub mounted thermal sensor
Terminal (FBA Only)
1: With leads
: No leads
Motor Type
FB: Panaflo
(DC Axial-flow fan)
Crossflo Fan
F
C B34AD 2
4 S
Option
S: Locked rotor alarm sensor
S
Option
S: Locked rotor alarm sensor
Fan Outside Diameter
34: Ø34 mm
Rated Voltage
12: 12 VDC
24: 24 VDC
Fan Motor Length
AA: 134.50mm
AB: 173.50mm
AC: 212.50mm
AD: 251.50mm
AE: 290.50mm
AF: 329.50mm
Motor Type
FCB: Brushless Crossflo Fan
Blowers
FA
L6F1 2
L
H
Speed
LL: Low Speed
LH: High Speed
Model Change
Blower Size
3—50 x 50mm (Ball Bearing)
5—76 x 76mm (Hydro Wave)
6—109 x 114mm (Hydro Wave)
Rated Voltage
05: 5 VDC
12: 12 VDC
24: 24 VDC
Motor Type
FAL: Brushless Fan
(variable)



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com