công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FBA04T12LSB bảng dữ liệu(PDF) 3 Page - Panasonic Semiconductor

tên linh kiện FBA04T12LSB
Giải thích chi tiết về linh kiện  Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FBA04T12LSB bảng dữ liệu(HTML) 3 Page - Panasonic Semiconductor

  FBA04T12LSB Datasheet HTML 1Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 2Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 3Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 4Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 5Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 6Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
High Reliability with HWB (Hydro Wave Bearing)
Radial Direction
Axial Direction
shaft
thrust plate
bearing
(b) HWB
washer
shaft
stop ring
thrust plate
HWB
Figure 1:
Pressure distribution in each load direction.
Figure 1:
Construction of HWB
Panaflo’s unique hydrowave bearing (HWB) addresses the traditional weakness of sleeve bearings…axial fric-
tion. By utilizing our unique HWB system, the thrust plate “floats” on a circulating film of oil, which greatly
reduces the axial friction and the bearing’s deterioration. The HWB pattern on the bearing virtually eliminates
thrust plate contact which is depicted above.
As the shaft rotates it acts as a pump constantly circulating the oil in the radial, as well as the axial direction.
The sealed system and reservoirs of oil maintain the proper lubrication to minimize mechanical contact and
prolong the fan’s life expectancy. The radial direction analysis shown above is essentially the same as a tradi-
tional sleeve bearing. Panasonic’s unique HWB reduces the axial contact.
3



Html Pages

1 2 3 4 5 6 7