công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1054CS8 bảng dữ liệu(PDF) 16 Page - Linear Technology

tên linh kiện LT1054CS8
Giải thích chi tiết về linh kiện  Switched-Capacitor Voltage Converter with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1054CS8 bảng dữ liệu(HTML) 16 Page - Linear Technology

Back Button LT1054CS8 Datasheet HTML 8Page - Linear Technology LT1054CS8 Datasheet HTML 9Page - Linear Technology LT1054CS8 Datasheet HTML 10Page - Linear Technology LT1054CS8 Datasheet HTML 11Page - Linear Technology LT1054CS8 Datasheet HTML 12Page - Linear Technology LT1054CS8 Datasheet HTML 13Page - Linear Technology LT1054CS8 Datasheet HTML 14Page - Linear Technology LT1054CS8 Datasheet HTML 15Page - Linear Technology LT1054CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1054/LT1054L
1054lfe
© LINEAR TECHNOLOGY CORPORATION 1987
LT/TP 0104 1K REV E • PRINTED IN USA
TYPICAL APPLICATIONS N
Negative Doubler with Regulator
2
µF
VIN
3.5V TO 15V
100
µF
R2
1M
1N4001
1N4001
LT1054 • TA14
100
µF
0.002
µF
–VOUT
VIN = 3.5V TO 15V
VOUT(MAX) ≈ –2VIN + (VL + 2VDIODE)
VL = LT1054 VOLTAGE LOSS
, REFER TO FIGURE 5
R2
R1
==
+ 1
|VOUT|
)
)
VREF
2
– 40mV
)
) +1
|VOUT|
1.21V
10
µF
+
+
10
µF
+
LT1054
FB/SHDN
CAP+
GND
CAP –
V+
OSC
VREF
VOUT
R1, 20k
0.03
µF
VIN = 5V
50k
1N5817
1N5817
LT1054 • TA13
10k
10k
10k
5.5k
2.5k
0.1
µF
5V
LT1006
100
µF
VOUT
8V
50mA
2
µF
10
µF
+
+
+
LT1054
FB/SHDN
CAP+
GND
CAP –
V+
OSC
VREF
VOUT
Positive Doubler with Regulation
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1144
Switched-Capacitor Wide Input Range Voltage Converter
Wide Input Voltage Range: 2V to 18V, ISD < 8µA, SO8
with Shutdown
LTC1514/LTC1515
Step-Up/Step-Down Switched Capacitor DC/DC Converters
VIN: 2V to 10V, VOUT: 3.3V to 5V, IQ = 60µA, SO8
LT1611
150mA Output, 1.4mHz Micropower Inverting Switching Regulator
VIN: 0.9V to 10V, VOUT: ±34V ThinSOT
LT1614
250mA Output, 600kHz Micropower Inverting Switching Regulator
VIN: 0.9V to 6V, VOUT: ±30V, IQ = 1mA, MS8, SO8
LTC1911
250mA, 1.5MHz Inductorless Step-Down DC/DC Converter
VIN: 2.7V to 5.5V, VOUT: 1.5V/1.8V, IQ = 180µA, MS8
LTC3250/LTC3250-1.2/ Inductorless Step-Down DC/DC Converter
VIN: 3.1V to 5.5V, VOUT: 1.2V, 1.5V, IQ = 35µA, ThinSOT™
LTC3250-1.5
LTC3251
500mA Spread Spectrum Inductorless Step-Down DC/DC Converter VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V, 1.2V, 1.5V,
IQ = 9µA, MS10E
LTC3252
Dual 250mA, Spread Spectrum Inductorless Step-Down
VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V, IQ = 50µA, DFN12
DC/DC Converter
ThinSOT is a trademark of Linear Technology Corporation.
THE TYPICAL APPLICATIONS CIRCUITS WERE VERIFIED USING THE STANDARD LT1054. FOR S8 APPLICATIONS
ASSISTANCE IN ANY OF THE UNUSUAL APPLICATIONS CIRCUITS PLEASE CONSULT THE FACTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com