công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1054CS8 bảng dữ liệu(PDF) 7 Page - Linear Technology

tên linh kiện LT1054CS8
Giải thích chi tiết về linh kiện  Switched-Capacitor Voltage Converter with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1054CS8 bảng dữ liệu(HTML) 7 Page - Linear Technology

Back Button LT1054CS8 Datasheet HTML 3Page - Linear Technology LT1054CS8 Datasheet HTML 4Page - Linear Technology LT1054CS8 Datasheet HTML 5Page - Linear Technology LT1054CS8 Datasheet HTML 6Page - Linear Technology LT1054CS8 Datasheet HTML 7Page - Linear Technology LT1054CS8 Datasheet HTML 8Page - Linear Technology LT1054CS8 Datasheet HTML 9Page - Linear Technology LT1054CS8 Datasheet HTML 10Page - Linear Technology LT1054CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1054/LT1054L
1054lfe
the oscillator frequency. During the time that CIN is charg-
ing, the peak supply current will be approximately equal to
2.2 times the output current. During the time that CIN is
delivering charge to COUT the supply current drops to
approximately 0.2 times the output current. An input
supply bypass capacitor will supply part of the peak input
current drawn by the LT1054 and average out the current
drawn from the supply. A minimum input supply bypass
capacitor of 2
µF, preferably tantalum or some other low
ESR type is recommended. A larger capacitor may be
desirable in some cases, for example, when the actual input
supply is connected to the LT1054 through long leads, or
when the pulse current drawn by the LT1054 might affect
other circuitry through supply coupling.
PIN FUNCTIONS
APPLICATIONS INFORMATION
Theory of Operation
To understand the theory of operation of the LT1054, a
review of a basic switched-capacitor building block is
helpful.
In Figure 3 when the switch is in the left position, capacitor
C1 will charge to voltage V1. The total charge on C1 will be
q1 = C1V1. The switch then moves to the right, discharging
C1 to voltage V2. After this discharge time the charge on C1
is q2 = C1V2. Note that charge has been transferred from
the source V1 to the output V2. The amount of charge
transferred is:
∆q = q1 – q2 = C1(V1 – V2)
If the switch is cycled f times per second, the charge
transfer per unit time (i.e., current) is:
I = (f)(
∆q) = (f)[C1(V1 – V2)]
To obtain an equivalent resistance for the switched-capaci-
tor network we can rewrite this equation in terms of voltage
and impedance equivalence:
I =
=
V1 – V2
(1/fC1)
V1 – V2
REQUIV
A new variable REQUIV is defined such that REQUIV = 1/fC1.
Thus the equivalent circuit for the switched-capacitor
network is as shown in Figure 4. The LT1054 has the same
switching action as the basic switched-capacitor building
block. Even though this simplification doesn’t include finite
switch on-resistance and output voltage ripple, it provides
an intuitive feel for how the device works.
These simplified circuits explain voltage loss as a function
of frequency (see Typical Performance Characteristics). As
frequency is decreased, the output impedance will eventu-
f
C1
C2
RL
V2
LT1054 • F03
V1
Figure 3. Switched-Capacitor Building Block
C2
RL
REQUIV
REQUIV =
V2
LT1054 • F04
V1
1
fC1
Figure 4. Switched-Capacitor Equivalent Circuit
ally be dominated by the 1/fC1 term and voltage losses will
rise.
Note that losses also rise as frequency increases. This is
caused by internal switching losses which occur due to
some finite charge being lost on each switching cycle. This
charge loss per-unit-cycle, when multiplied by the switch-
ing frequency, becomes a current loss. At high frequency
this loss becomes significant and voltage losses again rise.
The oscillator of the LT1054 is designed to run in the
frequency band where voltage losses are at a minimum.
Regulation
The error amplifier of the LT1054 servos the drive to the
PNP switch to control the voltage across the input capaci-
tor (CIN) which in turn will determine the output voltage.
Using the reference and error amplifier of the LT1054, an
external resistive divider is all that is needed to set the
regulated output voltage. Figure 5 shows the basic regu-
lator configuration and the formula for calculating the
appropriate resistor values. R1 should be chosen to be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com