công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAB760M12HM3 bảng dữ liệu(PDF) 2 Page - WOLFSPEED, INC.

tên linh kiện CAB760M12HM3
Giải thích chi tiết về linh kiện  1200 V, 760 A, Silicon Carbide High-Performance, Half-Bridge Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSPEED [WOLFSPEED, INC.]
Trang chủ  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAB760M12HM3 bảng dữ liệu(HTML) 2 Page - WOLFSPEED, INC.

  CAB760M12HM3 Datasheet HTML 1Page - WOLFSPEED, INC. CAB760M12HM3 Datasheet HTML 2Page - WOLFSPEED, INC. CAB760M12HM3 Datasheet HTML 3Page - WOLFSPEED, INC. CAB760M12HM3 Datasheet HTML 4Page - WOLFSPEED, INC. CAB760M12HM3 Datasheet HTML 5Page - WOLFSPEED, INC. CAB760M12HM3 Datasheet HTML 6Page - WOLFSPEED, INC. CAB760M12HM3 Datasheet HTML 7Page - WOLFSPEED, INC. CAB760M12HM3 Datasheet HTML 8Page - WOLFSPEED, INC. CAB760M12HM3 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright ©2022 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, Wolfspeed®, and the Wolfspeed logo
are registered trademarks of Cree, Inc.
2
Rev. 1, 2022-02-25
CAB760M12HM3
4600 Silicon Dr., Durham, NC 27703
MOSFET Characteristics (Per Position) (TVJ = 25˚C unless otherwise specified)
Symbol Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Note
V(BR)DSS Drain-Source Breakdown Voltage
1200
V
VGS= 0 V, TVJ = -40 °C
VGS(th)
Gate Threshold Voltage
1.8
2.5
3.6
VDS = VGS, ID = 280 mA
2.0
VDS = VGS, ID = 280 mA, TVJ = 175 °C
IDSS
Zero Gate Voltage Drain Current
15
400
μA VGS=0V,VDS=1200V
IGSS
Gate-Source Leakage Current
0.12
3
VGS = 15 V, VDS = 0 V
R
DS(on)
Drain-Source On-State Resistance
(Devices Only)
1.33
1.73
mΩ
VGS = 15 V, ID = 760 A
Fig. 2
Fig. 3
2.13
VGS = 15 V, ID = 760 A, TVJ = 175 °C
gfs
Transconductance
548
S
VDS = 20 V, IDS = 760 A
Fig. 4
585
VDS = 20 V, IDS = 760 A, TVJ = 175 °C
EOn
Turn-On Switching Energy, TVJ = 25 °C
TVJ = 125 °C
TVJ = 175 °C
20.3
20.7
23.7
mJ
VDS = 600 V,
ID = 760 A,
VGS = -4 V/15 V,
RG(ext) = 1.0 Ω,
L = 13.7
μH
Fig. 11
Fig. 13
EOff
Turn-Off Switching Energy, TVJ = 25 °C
TVJ = 125 °C
TVJ = 175 °C
17.9
17.5
17.8
RG(int)
Internal Gate Resistance
0.47
VAC = 25 mV, f = 100 kHz
Ciss
Input Capacitance
79.4
nF
VGS = 0 V, VDS = 800 V,
VAC = 25 mV, f = 100 kHz
Fig. 9
Coss
Output Capacitance
2.9
Crss
Reverse Transfer Capacitance
90
pF
QGS
Gate to Source Charge
768
nC
VDS = 800 V, VGS = -4 V/15 V
ID = 760 A
Per IEC60747-8-4 pg 21
QGD
Gate to Drain Charge
924
QG
Total Gate Charge
2724
RthJC
FET Thermal Resistance, Junction to Case
0.068
0.073
°C/W
Fig. 17
Symbol Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Note
VSD
Body Diode Forward Voltage
5.4
V
VGS = -4 V, ISD = 760 A
Fig. 7
4.7
VGS = -4 V, ISD = 760 A, TVJ = 175 °C
trr
Reverse Recovery Time
49
ns
VGS = -4 V, ISD = 760 A, VR = 600 V
di/dt = 20 A/ns, TVJ = 175 °C
Fig. 32
QRR
Reverse Recovery Charge
17.0
μC
IRRM
Peak Reverse Recovery Current
540
A
ERR
Reverse Recovery Energy TVJ = 25 °C
TVJ = 125 °C
TVJ = 175 °C
1.3
3.5
5.5
mJ
VDS = 600 V, ID = 760A,
VGS = -4 V/15 V, RG(ext)= 1.0 Ω,
L = 13.7 μH
Fig. 14
Diode Characteristics (Per Position) (TVJ = 25˚C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com