công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS73047DBVT bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPS73047DBVT
Giải thích chi tiết về linh kiện  LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPS73047DBVT bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button TPS73047DBVT Datasheet HTML 4Page - Texas Instruments TPS73047DBVT Datasheet HTML 5Page - Texas Instruments TPS73047DBVT Datasheet HTML 6Page - Texas Instruments TPS73047DBVT Datasheet HTML 7Page - Texas Instruments TPS73047DBVT Datasheet HTML 8Page - Texas Instruments TPS73047DBVT Datasheet HTML 9Page - Texas Instruments TPS73047DBVT Datasheet HTML 10Page - Texas Instruments TPS73047DBVT Datasheet HTML 11Page - Texas Instruments TPS73047DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
Power Dissipation and Junction Temperature
P
D(max) +
T
J max
*TA
R
Q
JA
(1)
P
D
+ VIN*VOUT
I
OUT
(2)
Programming the TPS73001 Adjustable LDO Regulator
V
OUT
+ VREF
1 )
R
1
R
2
(3)
R =
1
- 1 ´ R2
V
OUT
V
REF
(4)
C
1
+
(3 x 10*7) x (R
1
) R2)
(R
1 x R2)
(5)
TPS730xx
SBVS054G – NOVEMBER 2004 – REVISED DECEMBER 2006
APPLICATION INFORMATION (continued)
Specified regulator operation is assured to a junction temperature of +125
°C; the maximum junction temperature
should be restricted to +125
°C under normal operating conditions. This restriction limits the power dissipation
the regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or
equal to PD(max).
The maximum power dissipation limit is determined using Equation 1:
Where:
• T
Jmax is the maximum allowable junction temperature.
• Rθ
JA is the thermal resistance junction-to-ambient for the package (see the Dissipation Ratings Table).
• T
A is the ambient temperature.
The regulator dissipation is calculated using Equation 2:
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation triggers the thermal
protection circuit.
The output voltage of the TPS73001 adjustable regulator is programmed using an external resistor divider as
shown in Figure 17. The output voltage is calculated using Equation 3:
Where:
• V
REF = 1.225V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 50µA divider current. Lower value resistors can be
used for improved noise performance, but the solution consumes more power. Higher resistor values should be
avoided as leakage current into/out of FB across R1/R2 creates an offset voltage that artificially
increases/decreases the feedback voltage and thus erroneously decreases/increases VOUT. The recommended
design procedure is to choose R2 = 30.1kΩ to set the divider current at 50µA, C1 = 15pF for stability, and then
calculate R1 using Equation 4:
In order to improve the stability of the adjustable version, it is suggested that a small compensation capacitor be
placed between OUT and FB. For voltages < 1.8V, the value of this capacitor should be 100pF. For voltages >
1.8V, the approximate value of this capacitor can be calculated as shown in Equation 5:
The suggested value of this capacitor for several resistor ratios is shown in the table below. If this capacitor is
not used (such as in a unity-gain configuration) or if an output voltage < 1.8V is chosen, then the minimum
recommended output capacitor is 4.7
µF instead of 2.2µF.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com