| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P89C51BA bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C51BA bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 39 page ![]() Philips Semiconductors Product data 89C51/89C52/89C54/89C58 80C51 8-bit microcontroller family 4K/8K/16K/32K Flash 2002 Jan 15 21 SMOD1 SMOD0 – POF GF1 GF0 PD IDL PCON (87H) SM0 / FE SM1 SM2 REN TB8 RB8 TI RI SCON (98H) D0 D1 D2 D3 D4 D5 D6 D7 D8 STOP BIT DATA BYTE ONLY IN MODE 2, 3 START BIT SET FE BIT IF STOP BIT IS 0 (FRAMING ERROR) SM0 TO UART MODE CONTROL 0 : SCON.7 = SM0 1 : SCON.7 = FE SU01191 Figure 8. UART Framing Error Detection SM0 SM1 SM2 REN TB8 RB8 TI RI SCON (98H) D0 D1 D2 D3 D4 D5 D6 D7 D8 1 1 1 0 COMPARATOR 11 X RECEIVED ADDRESS D0 TO D7 PROGRAMMED ADDRESS IN UART MODE 2 OR MODE 3 AND SM2 = 1: INTERRUPT IF REN=1, RB8=1 AND “RECEIVED ADDRESS” = “PROGRAMMED ADDRESS” – WHEN OWN ADDRESS RECEIVED, CLEAR SM2 TO RECEIVE DATA BYTES – WHEN ALL DATA BYTES HAVE BEEN RECEIVED: SET SM2 TO WAIT FOR NEXT ADDRESS. SU00045 Figure 9. UART Multiprocessor Communication, Automatic Address Recognition |