| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4LS bảng dữ liệu(PDF) 103 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
4LS bảng dữ liệu(HTML) 103 Page - ams AG |
|
103 / 115 page ![]() Document Feedback 4LS Package Drawings & Markings Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 102 Figure 148: 4LS15K- Invar Package Outline Drawing – Section C-C and Section D-D(1)(2)(3)(4) (1) All dimensions are in millimeters. Angles in degrees. (2) If not otherwise noted all tolerances are ±0.1 mm. (3) This package contains no lead (Pb). (4) This drawing is subject to change without notice. RoHS Green |