| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2SC5572 bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SC5572 bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 11 page ![]() Horizontal Deflection Transistor Series for TV s Overview Based on accumulated manufacturing technology, these horizontal deflection transistors for TVs offer high performance and compact design. They can also withstand high voltage and maintain low loss. They also have a broad area of safe- operation, despite an absolutely minimal chip area which allows very compact package configuration. These advanced features contribute to higher performing, more reliable home-use TVs that cost less. s Features q Withstands ultrahigh voltage : 1500V/1600V/1700V/1800V/2000V q Low loss:VCE(sat)<3V q Broad area of safe-operation. 1 Kotari Yakemachi, Nagaokakyo, Kyoto, 617-8520 Japan Tel. (075) 951-8151 http://www.mec.panasonic.co.jp New publication, effective from Sep 12 2000. ¦ The products and specifications are subject to change without any notice. Please ask for the latest product standards to guarantee the satisfaction of your product requirements. s Spacifications s Applications qTVs qWide-screen TVs qDigital TVs Ic (A) 2SC5622/2SC5572 VCBO (V) 1500 7 6 8 20 1700/1800 2000 2SC5518/2SC5523 2SC5517/2SC5522 2SC5519/2SC5524 2SC5516/2SC5584 2SC5546 18 2SC5553/2SC5597 2SC5591/2SC5591A 22 20 to 14 to 29 to 29 to 25 to 32 to 36 Built-in Not built-in fH (kHz) 15.75 32 Package Now Compact packaging 1600/1700 TOP-3E/3D TOP-3E/3D TOP-3E/3D TOP-3E/3L TOP-3E TOP-3E TOP-3E/3L Possible 6 1500 1700 to 36 TOP-3E Part No. Recommended condition Parameter Damper diode Electric Characteristics Screen size (inch) Possible Possible Possible 2SC5514/2SC5521 2SC5657 2SC5686 TOP-3E TOP-3E/3D TOP-3E/3D Possible Possible 20 13 4 to 36 Built-in 32 Not built-in 64 15.75 New E00065BE Semiconductor Company, Matsushita Electronics Corporation |
Số phần tương tự - 2SC5572 |
|
Mô tả tương tự - 2SC5572 |