| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2SC5572 bảng dữ liệu(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SC5572 bảng dữ liệu(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 11 page ![]() Parameter Emitter to base voltage Forward current transfer ratio Forward current transfer ratio Base to emitter saturation voltage Transition frequency Storage time Fall time Diode characteristics Rating 1600 1600 7 20 6 3 130 -55 to +150 Unit V V V A A A W °C °C Symbol VCBO VCES VEBO ICP IC IB PC Tj Tstg Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power dissipation Junction temperature Storage temperature 40*1 3*2 min - - 7 7 4.5 - - - 0.3 3.8 - Conditions VCB=1000V,IE=0 VCB=1600V,IE=0 IE=500mA,IC=0 VCE=5V,IC=1A VCE=5V,IC=4A IC=4A,IB=0.8A IC=4A,IB=0.8A VCE=10V,IC=0.1A,f=0.5MHz IC=4.5A,IB1=0.9A,IB2=-1.8A IC=4.5A,IB1=0.9A,IB2=-1.8A IF=4A s Electrical Characteristics(TC=25 °C ) Collector cutoff current Collector to emitter saturation voltage Symbol ICBO ICBO VEBO fFE fFE VCE(sat) VBE(sat) fT Tstg Tf VF typ - - - - - - - 3 - - - max 50 1 - 20 8 3 1.5 - 0.5 5 -2 Unit µA mA V V V MHz µs µs V s Absolute Maximum Ratings *1)TC=25 °C ,*2)Ta=25°°C(Without heat sink) *3)Non-repetitive peak collector current. 15.5 ±0.5 3.0 ±0.3 φ3.2±0.1 5.45 ±0.3 123 5.45 ±0.3 1.1 ±0.1 2.0 ±0.2 4.0 5 ° 5 ° 5 ° 5 ° 5 ° 5 ° 0.7 ±0.1 TOP-3E Unit:mm 2SC5517 Horizontal Deflection Output Transistor |