công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9285B bảng dữ liệu(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

tên linh kiện 9285B
Giải thích chi tiết về linh kiện  Multicomponent Force Plate with Glass Top Plate for Biomechanics, Fz 0 ... 10 kN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KISTLER [KISTLER INSTRUMENT CORPORATION]
Trang chủ  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9285B bảng dữ liệu(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  9285B Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9285B Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9285B Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2010, Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, Fax +41 52 224 14 14, info@kistler.com, www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Page 1/3
Force
Multicomponent Force Plate
with Glass Top Plate for Biomechanics, Fz 0 ... 10 kN
Type 9285BA
Multicomponent force plate with glass top plate for measuring
ground reaction forces, moments and the center of pressure in
biomechanics.
• Glass top plate allows recording of contact surface
• Wide measuring range
• Excellent measuring accuracy
• Good accuracy of center of pressure (COP)
• Threshold Fz <250 mN
Description
Multicomponent force plate Type 9285BA consists of a base
frame on which four piezoelectric 3-component force sensors
under a high preload are mounted. A 600x400 mm triple-layer
composite glass plate is mounted on these sensors. The very
low crosstalk values of the sensors in conjunction with the spe-
cial design principle ensure very good accuracy of the center of
pressure. Type 9285BA has a built-in charge amplifier compat-
ible with all of the common motion analysis systems.
Application
This force plate is designed for special gait and balance analysis
applications. The glass plate allows simultaneous force meas-
urement and photographic or cinematographic recording of
the contact surface from below. Despite the wide measuring
range (0 ... 10 kN), this force plate offers excellent accuracy
and linearity across the entire spectrum of applications and
guarantees overload protection up to 12 kN. A larger force
plate with external dimensions of 900x600 mm is available
on request.
Technical Data
Dimensions
mm
600x400x150,4
Range
Fx, Fy
kN
–2,5 ... 2,5
Fz
kN
0 ... 10
Overload
Fx, Fy
kN
–6/6
Fz
kN
0/12
Linearity
%FSO
≤±0,5
Hysteresis
%FSO
≤0,5
Crosstalk
Fx <–> Fy
%
<±2
Fx, Fy –> Fz
%
<±2
Fz –> Fx, Fy
%
<±0,5
Rigidity
x-axis (ay = 0)
N/μm
≈120
y-axis (ax = 0)
N/μm
≈115
z-axis (ax = ay = 0) N/μm
≈25
Natural frequency
fn (x, y)
Hz
≈300
fn (z)
Hz
≈500
Operating temperature range
°C
0 ... 60
Weight
kg
45
Degree of protection
EN 60529:1992
IP65
Refractive index of glass top plate
n
≈1,52
z
x
y


Số phần tương tự - 9285B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitutoyo America Corpor...
92858 MITUTOYO-92858 Datasheet
95Kb / 1P
Dial Thickness Gages
More results

Mô tả tương tự - 9285B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KISTLER INSTRUMENT CORP...
9129AA KISTLER-9129AA Datasheet
1Mb / 5P
Multicomponent Dynamometer –10 ... 10 kN, cover plate 90x105 mm
9139A KISTLER-9139A Datasheet
1Mb / 5P
Multicomponent Dynamometer Wide force measuring range, up to 30 kN, cover plate 140x190 mm
9253B KISTLER-9253B Datasheet
1Mb / 7P
Multicomponent Force Plate –15 ... 30 kN, mounting plate 600x400 mm
9255C KISTLER-9255C Datasheet
1Mb / 5P
Multicomponent Dynamometer –10 ... 60 kN, top plate 260x260 mm
9257B KISTLER-9257B Datasheet
1,015Kb / 5P
Multicomponent Dynamometer –5 ... 10 kN, top plate 100x170 mm
9260AA KISTLER-9260AA Datasheet
879Kb / 5P
Multicomponent Force Plate for Gait and Balance Analysis in Biomechanics, Fz 0 ... 5 kN
9281E KISTLER-9281E Datasheet
1,001Kb / 4P
Multicomponent Force Plate for Dynamic Applications in Biomechanics, Fz –10 ... 20 kN
9286B KISTLER-9286B Datasheet
1Mb / 4P
Multicomponent Force Plate Portable – for Applications in Biomechanics, Fz 0 ... 10 kN
9287C KISTLER-9287C Datasheet
758Kb / 4P
Multicomponent force plate Large – for dynamic applications in biomechanics, Fz –10 ... 20 kN
9366CDSP KISTLER-9366CDSP Datasheet
281Kb / 6P
Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com