công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPA892TD bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện UPA892TD
Giải thích chi tiết về linh kiện  NPN SILICON RF TWIN TRANSISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA892TD bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  UPA892TD Datasheet HTML 1Page - Renesas Technology Corp UPA892TD Datasheet HTML 2Page - Renesas Technology Corp UPA892TD Datasheet HTML 3Page - Renesas Technology Corp UPA892TD Datasheet HTML 4Page - Renesas Technology Corp UPA892TD Datasheet HTML 5Page - Renesas Technology Corp UPA892TD Datasheet HTML 6Page - Renesas Technology Corp UPA892TD Datasheet HTML 7Page - Renesas Technology Corp UPA892TD Datasheet HTML 8Page - Renesas Technology Corp UPA892TD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
Document No. P15273EJ1V0DS00 (1st edition)
Date Published January 2001 NS CP(K)
Printed in Japan
©
2001
NPN SILICON RF TWIN TRANSISTOR
µµµµPA892TD
NPN SILICON RF TRANSISTOR (WITH 2 ELEMENTS)
IN A 6-PIN LEAD-LESS MINIMOLD
FEATURES
• Ideal for low noise
⋅ high-gain amplification and oscillation at 3 GHz or over
NF = 1.1 dB TYP. @ VCE = 2 V, IC = 5 mA, f = 2 GHz
• Maximum available power gain: MAG = 12.5 dB TYP. @ VCE = 2 V, IC = 20 mA, f = 2 GHz
• High fT: fT = 21.0 GHz TYP. @ VCE = 2 V, IC = 20 mA, f = 2 GHz
• 6-pin lead-less minimold package
• Built-in 2 transistors (2
× 2SC5668)
BUILT-IN TRANSISTORS
Q1, Q2
3-pin thin-type ultra super minimold part No.
2SC5668
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
µPA892TD
50 pcs (Non reel)
• 8 mm wide embossed taping
µPA892TD-T3
10 kpcs/reel
• Pin 1 (Q1 Collector), Pin 6 (Q1 Base) face the perforation side of the tape
Remark To order evaluation samples, consult your NEC sales representative.
Unit sample quantity is 50 pcs.
Because this product uses high-frequency technology, avoid excessive static electricity, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com