công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7180BSTZ bảng dữ liệu(PDF) 63 Page - Analog Devices

tên linh kiện ADV7180BSTZ
Giải thích chi tiết về linh kiện  10-Bit, 4 x Oversampling SDTV Video Decoder
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7180BSTZ bảng dữ liệu(HTML) 63 Page - Analog Devices

Back Button ADV7180BSTZ Datasheet HTML 59Page - Analog Devices ADV7180BSTZ Datasheet HTML 60Page - Analog Devices ADV7180BSTZ Datasheet HTML 61Page - Analog Devices ADV7180BSTZ Datasheet HTML 62Page - Analog Devices ADV7180BSTZ Datasheet HTML 63Page - Analog Devices ADV7180BSTZ Datasheet HTML 64Page - Analog Devices ADV7180BSTZ Datasheet HTML 65Page - Analog Devices ADV7180BSTZ Datasheet HTML 66Page - Analog Devices ADV7180BSTZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
ADV7180
Rev. A | Page 63 of 112
VPS/PDC/UTC/GEMSTAR
The readback registers for VPS, PDC, and UTC are shared.
Gemstar is a high data rate standard and is available only
through the ancillary stream. However, for evaluation purposes,
any one line of Gemstar is available through the I2C registers
sharing the same register space as PDC, UTC, and VPS.
Therefore, only VPS, PDC, UTC, or Gemstar can be read
through the I2C at a time.
To identify the data that should be made available in the I2C
registers, the user must program I2C_GS_VPS_PDC_UTC[1:0]
(Register Address 0x9C, User Sub Map).
I2C_GS_VPS_PDC_UTC [1:0] (VDP), Address 0x9C [6:5],
User Sub Map
Specifies which standard result is available for I2C readback.
GS_PDC_VPS_UTC_CLEAR, GS/PDC/VPS/UTC Clear,
Address 0x78 [4], User Sub Map, Write Only, Self-Clearing
1—Reinitializes the GS/PDC/VPS/UTC data readback registers.
GS_PDC_VPS_UTC_AVL, GS/PDC/VPS/UTC Available,
Address 0x78 [4], User Sub Map, Read Only
0—One of GS, PDC, VPS, or UTC data was not detected.
1—One of GS, PDC, VPS, or UTC data was detected.
VDP_GS_VPS_PDC_UTC, Readback Registers,
Addresses 0x84 to 0x87
See Table 81.
VPS
The VPS data bits are biphase decoded by the VDP. The
decoded data is available in both the ancillary stream and in the
I2C readback registers. VPS decoded data is available in the
VDP_GS_VPS_PDC_UTC_0 to VDP_VPS_PDC_UTC_12
registers (Address 0x84 to Address 0x90, User Sub Map). The
GS_VPS_ PDC_UTC_AVL bit is set if the user programmed
I2C_GS_VPS_PDC_UTC to 01, as explained in Table 80.
GEMSTAR
The Gemstar-decoded data is made available in the ancillary
stream, and any one line of Gemstar is also available in the I2C
registers for evaluation purposes. To read Gemstar results
through the I2C registers, the user must program
I2C_GS_VPS_PDC_UTC to 00, as explained in Table 80.
Table 80. I2C_GS_VPS_PDC_UTC[1:0] Function
I2C_GS_VPS_PDC_UTC[1:0]
Description
00 (default)
Gemstar 1×/2×
01
VPS
10
PDC
11
UTC
VDP supports autodetection of the Gemstar standard, either
Gemstar 1× or Gemstar 2×, and decodes accordingly. For the
autodetection mode to work, the user must set the
AUTO_DETECT_GS_TYPE I2C bit (Register 0x61, User
Sub Map) and program the decoder to decode Gemstar 2× on
the required lines through line programming. The type of
Gemstar decoded can be determined by observing the
GS_DATA_TYPE bit (Register 0x78, User Sub Map).
AUTO_DETECT_GS_TYPE, Address 0x61 [4], User Sub Map
0 (default)—Disables autodetection of Gemstar type.
1—Enables autodetection of Gemstar type.
GS_DATA_TYPE, Address 0x78 [5], User Sub Map, Read Only
Identifies the decoded Gemstar data type.
0—Gemstar 1× mode is detected. Read 2 data bytes from 0x84.
1—Gemstar 2× mode is detected. Read 4 data bytes from 0x84.
The Gemstar data that is available in the I2C register could be
from any line of the input video on which Gemstar was
decoded. To read the Gemstar data on a particular video line,
the user should use the manual configuration described in
Table 66 and Table 67 and enable Gemstar decoding only on the
required line.
PDC/UTC
PDC and UTC are data transmitted through Teletext Packet 8/30
Format 2 (Magazine 8, Row 30, Design Code 2 or 3), and Packet
8/30 Format 1 (Magazine 8, Row 30, Design Code 0 or 1). Thus,
if PDC or UTC data is to be read through I2C, the corresponding
teletext standard (WST or PAL System B) should be decoded by
VDP. The whole teletext decoded packet is output on the ancillary
data stream. The user can look for the magazine number, row
number, and design code and qualify the data as PDC, UTC, or
neither of these.
If PDC/UTC packets have been identified, Byte 0 to Byte 12 are
updated to the GS_VPS_PDC_UTC_0 to VPS_PDC_UTC_12
registers, and the GS_VPS_PDC_UTC_AVL bit is set. The full
packet data is also available in the ancillary data format.
Note that the data available in the I2C register depends on the
status of the WST_PKT_DECODE_DISABLE bit (Bit 3,
Subaddress 0x60, User Sub Map).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com