công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7180BSTZ bảng dữ liệu(PDF) 59 Page - Analog Devices

tên linh kiện ADV7180BSTZ
Giải thích chi tiết về linh kiện  10-Bit, 4 x Oversampling SDTV Video Decoder
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7180BSTZ bảng dữ liệu(HTML) 59 Page - Analog Devices

Back Button ADV7180BSTZ Datasheet HTML 55Page - Analog Devices ADV7180BSTZ Datasheet HTML 56Page - Analog Devices ADV7180BSTZ Datasheet HTML 57Page - Analog Devices ADV7180BSTZ Datasheet HTML 58Page - Analog Devices ADV7180BSTZ Datasheet HTML 59Page - Analog Devices ADV7180BSTZ Datasheet HTML 60Page - Analog Devices ADV7180BSTZ Datasheet HTML 61Page - Analog Devices ADV7180BSTZ Datasheet HTML 62Page - Analog Devices ADV7180BSTZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
ADV7180
Rev. A | Page 59 of 112
I2C READBACK REGISTERS
Teletext
Because teletext is a high data rate standard, the decoded bytes
are available only as ancillary data. However, a TTXT_AVL bit
has been provided in I2C so that the user can check whether the
VDP has detected teletext or not. Note that the TTXT_AVL bit
is a plain status bit and does not use the protocol identified in
the I C Interface
2
section.
TTXT_AVL, Teletext Detected Status, Address 0x78 [7],
User Sub Map, Read Only
0—Teletext was not detected.
1—Teletext was detected.
WST Packet Decoding
For WST only, the VDP decodes the magazine and row address
of teletext packets and further decodes the packet’s 8 × 4
hamming coded words. This feature can be disabled using the
WST_PKT_ DECODE_ DISABLE bit (Bit 3, Register 0x60, User
Sub Map). This feature is valid for WST only.
WST_PKT_DECODE_DISABLE, Disable Hamming
Decoding of Bytes in WST, Address 0x60 [3], User Sub
Map
0—Enables hamming decoding of WST packets.
1 (default)—Disables hamming decoding of WST packets.
For hamming-coded bytes, the dehammed nibbles are output
along with some error information from the hamming decoder
as follows:
•
Input hamming coded byte: {D3, P3, D2, P2, D1, P1, D0,
P0} (bits in decoded order)
•
Output dehammed byte: {E1, E0, 0, 0, D3', D2', D1', D0'}
(Di' – corrected bits, Ei error information).
Table 75. Error Bits in the Dehammed Output Byte
E[1:0]
Error Information
Output Data Bits
in Nibble
00
No errors detected
Okay
01
Error in P4
Okay
10
Double error
Bad
11
Single error found and corrected
Okay
Table 76 describes the WST packets that are decoded.
Table 76. WST Packet Description
Packet
Byte
Description
1st
Magazine number—Dehammed Byte 4
2nd
Row number—Dehammed Byte 5
3rd
Page number—Dehammed Byte 6
4th
Page number—Dehammed Byte 7
5th to 10th
Control Bytes—Dehammed Byte 8 to Byte 13
Header Packet
(X/00)
11th to 42nd
Raw data bytes
1st
Magazine number—Dehammed Byte 4
2nd
Row number—Dehammed Byte 5
Text Packets
(X/01 to X/25)
3rd to 42nd
Raw data bytes
1st
Magazine number—Dehammed Byte 4
2nd
Row number—Dehammed Byte 5
3rd
Design Code—Dehammed Byte 6
4th to 10th
Dehammed initial teletext page, Byte 7 to Byte 12
11th to 23rd
UTC bytes—Dehammed Bytes 13 to Byte 25
8/30 (Format 1) Packet
Design Code = 0000 or 0001
UTC
24th to 42nd
Raw status bytes
1st
Magazine number—Dehammed Byte 4
2nd
Row number—Dehammed Byte 5
3rd
Design Code—Dehammed Byte 6
4th to 10th
Dehammed initial teletext page, Byte 7 to Byte 12
11th to 23rd
PDC bytes—Dehammed Byte 13 to Byte 25
8/30 (Format 2) Packet
Design Code = 0010 or 0011
PDC
24th to 42nd
Raw status bytes
1st
Magazine number—Dehammed Byte 4
2nd
Row number—Dehammed Byte 5
3rd
Design Code—Dehammed Byte 6
X/26, X/27, X/28, X/29, X/30, X/311
4th to 42nd
Raw data bytes
1 For X/26, X/28, and X/29 further decoding needs 24 × 18 hamming decoding. Not supported at present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com