| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6524 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6524 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 70 page ![]() Host communication - I²C control interface VL6524/VS6524 36/70 Index space Communication using the serial bus centres around a number of registers internal to the either the sensor or the co-processor. These registers store sensor status, set-up, exposure and system information. Most of the registers are read/write allowing the receiving equipment to change their contents. Others (such as the chip id) are read only. The internal register locations are organized in a 64k by 8-bit wide space. This space includes “real” registers, SRAM, ROM and/or micro controller values. Figure 24. Internal register index space 0 1 2 3 4 65532 65533 65534 65535 16-bit Index / 8-bit Data Format 64k by 8-bit wide index space (Valid Addresses 0-65535) 130 129 128 127 126 125 8 bits |