| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68340 bảng dữ liệu(PDF) 167 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 bảng dữ liệu(HTML) 167 Page - Freescale Semiconductor, Inc |
|
167 / 441 page ![]() 5- 30 MC68340 USER’S MANUAL MOTOROLA Two additional examples show how TBLSN can reduce cumulative error when multiple table lookup and interpolation operations are used in a calculation. Example 4 demonstrates addition of the results of three table interpolations. Example 5 illustrates use of TBLSN in surface interpolation. 5.3.4.1 TABLE EXAMPLE 1: STANDARD USAGE. The table consists of 257 word entries. As shown in Figure 5-7, the function is linear within the range 32768 ≤ X ≤ 49152. Table entries within this range are as given in Table 5-13 . Table 5-13. Standard Usage Entries Entry Number X Value Y Value 128* 32768 1311 162 41472 1659 163 41728 1669 164 41984 1679 165 42240 1690 192* 49152 1966 * These values are the end points of the range. All entries between these points fall on the line. X 16384 32768 49152 65536 INDEPENDENT VARIABLE Y Figure 5-7. Table Example 1 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |