| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68340 bảng dữ liệu(PDF) 163 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 bảng dữ liệu(HTML) 163 Page - Freescale Semiconductor, Inc |
|
163 / 441 page ![]() 5- 26 MC68340 USER’S MANUAL MOTOROLA 5.3.3.7 BINARY-CODED DECIMAL (BCD) INSTRUCTIONS. Five instructions support operations on BCD numbers. The arithmetic operations on packed BCD numbers are add decimal with extend (ABCD), subtract decimal with extend (SBCD), and negate decimal with extend (NBCD). Table 5-9 is a summary of the BCD operations. Table 5-9. Binary-Coded Decimal Operations Instruction Operand Syntax Operand Size Operation ABCD Dn, Dn – (An), – (An) 8 8 Source 10 + Destination10 + X ⇒ Destination NBCD 〈ea〉 8 8 0 – Destination10 – X ⇒ Destination SBCD Dn, Dn – (An), – (An) 8 8 Destination10 – Source10 – X ⇒ Destination 5.3.3.8 PROGRAM CONTROL INSTRUCTIONS. A set of subroutine call and return instructions and conditional and unconditional branch instructions perform program control operations. Table 5-10 summarizes these instructions. Table 5-10. Program Control Operations Instruction Operand Syntax Operand Size Operation Conditional Bcc 〈label〉 8, 16, 32 If condition true, then PC + d ⇒ PC DBcc Dn , 〈label〉 16 If condition false, then Dn – 1 ⇒ PC; if Dn ≠ (– 1), then PC + d ⇒ PC Scc 〈ea〉 8 If condition true, then destination bits are set to 1; else destination bits are cleared to 0 Unconditional BRA 〈label〉 8, 16, 32 PC + d ⇒ PC BSR 〈label〉 8, 16, 32 SP – 4 ⇒ SP; PC ⇒ (SP); PC + d ⇒ PC JMP 〈ea〉 none Destination ⇒ PC JSR 〈ea〉 none SP – 4 ⇒ SP; PC ⇒ (SP); destination ⇒ PC NOP none none PC + 2 ⇒ PC Returns RTD # 〈d〉 16 (SP) ⇒ PC; SP + 4 + d ⇒ SP RTR none none (SP) ⇒ CCR; SP + 2 ⇒ SP; (SP) ⇒ PC; SP + 4 ⇒ SP RTS none none (SP) ⇒ PC; SP + 4 ⇒ SP Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |