| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68340 bảng dữ liệu(PDF) 295 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 bảng dữ liệu(HTML) 295 Page - Freescale Semiconductor, Inc |
|
295 / 441 page ![]() MOTOROLA MC68340 USER’S MANUAL 6- 45 * Source address is equal to $6001, and odd address. MOVE.L SARADD,DMASAR1(A0) * Initialize destination operand address * Destination address is equal to $10000, and even address. MOVE.L DARADD,DMADAR1(A0) * Initialize the byte transfer count register * The number of bytes to be transferred is $14 or 20 bytes MOVE.L NUMBYTE,DMABTC1(A0) * Channel control reg. init. and Start DMA transfers * No interrupts are enabled, source (read) cycle. * Increment the source and destination addresses. * Source size is byte, destination size is word. REQ is external cycle steal. * dual-address transfers, start the DMA transfers. MOVE.W #$1DB1,DMACCR1(A0) *************************************************************************** END *************************************************************************** Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |