| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68340 bảng dữ liệu(PDF) 294 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 bảng dữ liệu(HTML) 294 Page - Freescale Semiconductor, Inc |
|
294 / 441 page ![]() 6- 44 MC68340 USER’S MANUAL MOTOROLA *************************************************************************** * DMA Channel 1 equates DMACH1 EQU $780 Offset from MBAR for channel 1 regs DMAMCR1 EQU $0 MCR for channel 1 * Channel 1 register offsets from channel 1 base address DMAINT1 EQU $4 interrupt register channel 1 DMACCR1 EQU $8 control register channel 1 DMACSR1 EQU $A status register channel 1 DMAFCR1 EQU $B function code register channel 1 DMASAR1 EQU $C source address register channel 1 DMADAR1 EQU $10 destination address register channel 1 DMABTC1 EQU $14 byte transfer count register channel 1 SARADD EQU $6001 source address is an ODD address DARADD EQU $10000 destination address is and EVEN address NUMBYTE EQU $14 number of bytes to transfer *************************************************************************** *************************************************************************** * Initialize DMA Channel 1 *************************************************************************** LEA MODBASE+DMACH1,A0 Pointer to channel 1 * Initialize DMA channel 1 MCR * Normal Operation, ignore FREEZE, dual-address mode. ISM field at 0. Make * CPU32 SR I2-I0 bits are less than or equal to ISM bits for channel startup. * Supervisor/user reg. unrestricted, MAID field at 4. IARB priority at 8. MOVE.W #$00C8,(A0) * Clear channel control reg. * Clear STR (start) bit to prevent the channel from starting a transfer early. CLR.W DMACCR1(A0) * Initialize interrupt reg. * Interrupt priority at 7, interrupt vector at $42. MOVE.W #$0742,DMAINT1(A0) * Initialize channel status reg. * Clear the DONE, BES, BED, CONF and BRKP bits to allow channel to startup. MOVE.B #$7C,DMACSR1(A0) * Initialize function code reg. * DMA space, supervisor data space for source and destination. MOVE.B #$DD,DMAFCR1(A0) * Initialize source operand address Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |