| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68340 bảng dữ liệu(PDF) 233 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 bảng dữ liệu(HTML) 233 Page - Freescale Semiconductor, Inc |
|
233 / 441 page ![]() 5- 96 MC68340 USER’S MANUAL MOTOROLA CLOCK 1 2 3 4 5 6 7 8 9 0 1 2 3 4 BUS CONTROLLER INSTRUCTION CONTROLLER EXECUTION TIME 1 PRE- FETCH CMP D1,D0 MOVEQ MOVEQ #7,D1 BLE.B NOT TAKEN OFFSET CALC WRITE FOR 4 3 PRE- FETCH 4 PRE- FETCH NOT TAKEN WRITE FOR 4 MOVE TO (A0) MOVE.L D1,(AO) CMP 2 PRE- FETCH Figure 5-35. Example 2—Branch Not Taken 5.7.2.3 TIMING EXAMPLE 3—NEGATIVE TAILS. This example (see Figure 5-36) shows how to use negative tail figures for branches and other change-of-flow instructions. In this example, bus speed is assumed to be four clocks per access. Instruction three is at the branch destination. Although the CPU32 has a two-word instruction pipeline, internal delay causes minimum branch instruction time to be three bus cycles. The negative tail is a reminder that an extra two clocks are available for prefetching a third word on a fast bus; on a slower bus, there is no extra time for the third word. Instructions MOVEQ #7, D1 BRA.W FARAWAY MOVE.L D1, D0 CLOCK 1 2 3 4 5 6 7 8 9 0 1 2 3 4 BUS CONTROLLER INSTRUCTION CONTROLLER EXECUTION TIME MOVEQ OFFSET CALC 5 6 7 8 9 BRANCH OFFSET BRA.W FARAWAY TAKEN TAKEN FETCH MOVE.L FETCH NEXT INSTRUCTION PREFETCH MOVE TO D0 MOVE.L D1,D0 MOVEQ #7,D1 Figure 5-36. Example 3—Branch Negative Tail Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |