| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68340 bảng dữ liệu(PDF) 212 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 bảng dữ liệu(HTML) 212 Page - Freescale Semiconductor, Inc |
|
212 / 441 page ![]() MOTOROLA MC68340 USER’S MANUAL 5- 75 . . . ......... .. .. ..... .. .. .. ........ COMMANDS TRANSMITTED TO THE CPU32 COMMAND CODE TRANSMITTED DURING THIS CYCLE HIGH-ORDER 16 BITS OF MEMORY ADDRESS LOW-ORDER 16 BITS OF MEMORY ADDRESS SEQUENCE TAKEN IF OPERATION HAS NOT COMPLETED DATA UNUSED FROM THIS TRANSFER SEQUENCE TAKEN IF ILLEGAL COMMAND IS RECEIVED BY CPU32 RESULTS FROM PREVIOUS COMMAND RESPONSES FROM THE CPU NONSERIAL-RELATED ACTIVITY MS ADDR "NOT READY" XXX "ILLEGAL" LS ADDR "NOT READY" NEXT CMD "NOT READY" READ (LONG) ??? NEXT CMD "NOT READY" XXX "NOT READY" XXX XXX BERR/AERR XXX MS RESULT NEXT CMD LS RESULT READ MEMORY LOCATION NEXT COMMAND CODE SEQUENCE TAKEN IF BUS ERROR OR ADDRESS ERROR OCCURS ON MEMORY ACCESS HIGH- AND LOW-ORDER 16 BITS OF RESULT Figure 5-27. Command-Sequence Diagram 5.6.2.8.3 Command Set Summary. The BDM command set is summarized in Table 5-23. Subsequent paragraphs contain detailed descriptions of each command. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |