| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NB2308AI3DR2G bảng dữ liệu(PDF) 9 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NB2308AI3DR2G bảng dữ liệu(HTML) 9 Page - ON Semiconductor |
|
9 / 12 page ![]() NB2308A http://onsemi.com 9 ORDERING INFORMATION Device Marking Operating Range Package Shipping† Availability NB2308AC1DG 2308AC1G Commercial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AC1DR2G 2308AC1G Commercial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI1DG 2308AI1G Industrial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AI1DR2G 2308AI1G Industrial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AC1HDG 2308AC1HG Commercial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AC1HDR2G 2308AC1HG Commercial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI1HDG 2308AI1HG Industrial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AI1HDR2G 2308AI1HG Industrial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AC1DTG 2308AC1 Commercial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AC1DTR2G 2308AC1 Commercial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI1DTG 2308AI1 Industrial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AI1DTR2G 2308AI1 Industrial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now NB2308AC1HDTG 2308AI1H Commercial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AC1HDTR2G 2308AI1H Commercial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI1HDTG 2308AI1H Industrial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AI1HDTR2G 2308AI1H Industrial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now NB2308AC2DG 2308AC2G Commercial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AC2DR2G 2308AC2G Commercial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI2DG 2308AI2G Industrial SOIC−16 (Pb−Free) 48 Units / Rail Now NB2308AI2DR2G 2308AI2G Industrial SOIC−16 (Pb−Free) 2500 Tape & Reel Now NB2308AC2DTG 2308AC2 Commercial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AC2DTR2G 2308AC2 Commercial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now NB2308AI2DTG 2308AI2 Industrial TSSOP−16 (Pb−Free) 96 Units / Rail Now NB2308AI2DTR2G 2308AI2 Industrial TSSOP−16 (Pb−Free) 2500 Tape & Reel Now †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi- cations Brochure, BRD8011/D. |