| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLG47502V bảng dữ liệu(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SLG47502V bảng dữ liệu(HTML) 97 Page - Renesas Technology Corp |
|
97 / 192 page ![]() Datasheet 28-Feb-2023 CFR0011-120-00 Revision 2.3 97 of 194 © 2023 Renesas Electronics Corporation SLG47512/13 Low Voltage GreenPAK Programmable Mixed-Signal Matrix Preliminary 12 Voltage Reference 12.1 VOLTAGE REFERENCE OVERVIEW The SLG47512/13 has a Voltage Reference (Vref) macrocell to provide references to the two analog comparators. This macrocell can supply a user selection of fixed voltage references, or temperature sensor output. The macrocell also has the option to output reference voltages on GPIO. See Table 35 for the available selections for each analog comparator. When changing power-down source settings or power-down register settings in a Voltage Reference block, similar changes of these settings automatically occur in an Analog Temperature Sensor block. Also see Figure 80, which shows the reference output structure. 12.2 VREF SELECTION TABLE Table 35: Vref Selection Table SEL[5:0] Vref SEL[5:0] Vref 0 0.025 18 0.475 1 0.05 19 0.5 2 0.075 20 0.525 3 0.1 21 0.55 4 0.125 22 0.575 5 0.15 23 0.6 6 0.175 24 0.625 7 0.2 25 0.65 8 0.225 26 0.675 9 0.25 27 0.7 10 0.275 28 0.725 11 0.3 29 0.75 12 0.325 30 0.775 13 0.35 31 0.8 14 0.375 32 0.825 15 0.4 33 0.850 16 0.425 34 to 62 0.850 17 0.45 63 Ext. Vref |