| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLG47502V bảng dữ liệu(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SLG47502V bảng dữ liệu(HTML) 37 Page - Renesas Technology Corp |
|
37 / 192 page ![]() Datasheet 28-Feb-2023 CFR0011-120-00 Revision 2.3 37 of 194 © 2023 Renesas Electronics Corporation SLG47512/13 Low Voltage GreenPAK Programmable Mixed-Signal Matrix Preliminary 6.2 MATRIX OUTPUT TABLE Table 21: Matrix Output Table Register Bit Address Matrix Output Signal Function Matrix Output Number [45:40] IN0 of LUT2_0 or Clock Input of DFF0 or Clock Input of Shift_Reg0 0 [51:46] IN1 of LUT2_0 or Data Input of DFF0 or Data Input of Shift_Reg0 1 [57:52] IN0 of LUT2_1 or Clock Input of DFF1 or Clock Input of Shift_Reg1 2 [63:58] IN1 of LUT2_1 or Data Input of DFF1 or Data Input of Shift_Reg1 3 [69:64] IN0 of LUT2_2 or Clock Input of DFF2 or Clock Input of Shift_Reg2 4 [75:70] IN1 of LUT2_2 or Data Input of DFF2 or Data Input of Shift_Reg2 5 [81:76] IN0 of LUT2_3 or Clock Input of PGen 6 [87:82] IN1 of LUT2_3 or nRST of PGen 7 [93:88] IN0 of LUT3_0 or Clock Input of DFF3 or Clock Input of Shift_Reg3 8 [99:94] IN1 of LUT3_0 or Data Input of DFF3 or Data Input of Shift_Reg3 9 [105:100] IN2 of LUT3_0 or nRST(nSET) of DFF3 or nRST(nSET) of Shift_Reg3 10 [111:106] IN0 of LUT3_1 or Clock Input of DFF4 or Clock Input of Shift_Reg4 11 [117:112] IN1 of LUT3_1 or Data Input of DFF4 or Data Input of Shift_Reg4 12 [123:118] IN2 of LUT3_1 or nRST(nSET) of DFF4 or nRST(nSET) of Shift_Reg4 13 [129:124] IN0 of LUT3_2 or Clock Input of DFF5 or Clock Input of Shift_Reg5 14 [135:130] IN1 of LUT3_2 or Data Input of DFF5 or Data Input of Shift_Reg5 15 [141:136] IN2 of LUT3_2 or nRST(nSET) of DFF5 or nRST(nSET) of Shift_Reg5 16 [147:142] IN0 of LUT3_3 or Clock Input of DFF6 or Clock Input of Shift_Reg6 17 [153:148] IN1 of LUT3_3 or Data Input of DFF6 or Data Input of Shift_Reg6 18 [159:154] IN2 of LUT3_3 or nRST(nSET) of DFF6 or nRST(nSET) of Shift_Reg6 19 [165:160] IN0 of LUT3_4 or Clock Input of DFF7 or Clock Input of Shift_Reg7 20 [171:166] IN1 of LUT3_4 or Data Input of DFF7 or Data Input of Shift_Reg7 21 [177:172] IN2 of LUT3_4 or nRST(nSET) of DFF7 or nRST(nSET) of Shift_Reg7 22 [183:178] IN0 of LUT3_5 or Clock Input of DFF8 or Clock Input of Shift_Reg8 23 [189:184] IN1 of LUT3_5 or Data Input of DFF8 or Data Input of Shift_Reg8 24 [195:190] IN2 of LUT3_5 or nRST(nSET) of DFF8 or nRST(nSET) of Shift_Reg8 25 [201:196] IN0 of LUT3_6 or Clock Input of DFF9 or Clock Input of Shift_Reg9 26 [207:202] IN1 of LUT3_6 or Data Input of DFF9 or Data Input of Shift_Reg9 27 [213:208] IN2 of LUT3_6 or nRST(nSET) of DFF9 or nRST(nSET) of Shift_Reg9 28 [219:214] IN0 of LUT3_7 or Clock Input of DFF10 or Clock Input of Shift_Reg10 29 [225:220] IN1 of LUT3_7 or Data Input of DFF10 or Data Input of Shift_Reg10 30 [231:226] IN2 of LUT3_7 or nRST(nSET) of DFF10 or nRST(nSET) of Shift_Reg10 31 [237:232] IN0 of LUT3_8 or Clock Input of DFF11 or Clock Input of Shift_Reg11 32 [243:238] IN1 of LUT3_8 or Data Input of DFF11 or Data Input of Shift_Reg11 33 [249:244] IN2 of LUT3_8 or nRST(nSET) of DFF11 or nRST(nSET) of Shift_Reg11 34 [255:250] IN0 of LUT3_9 or Clock Input of DFF12 or Clock Input of Shift_Reg12 35 |