| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9992BBCZRL bảng dữ liệu(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9992BBCZRL bảng dữ liệu(HTML) 24 Page - Analog Devices |
|
24 / 92 page ![]() AD9992 Rev. C | Page 24 of 92 HBLK H-CLOCK FREQUENCY CAN BE REDUCED DURING HBLK BY 1/2 (AS SHOWN), 1/4, 1/6, 1/8, 1/10, 1/12, AND SO ON, UP TO 1/30 USING HBLKWIDTH REGISTER H1/H3 H2/H4 1/FPIX 2 × (1/FPIX) Figure 28. Generating Wide H-Clock Pulses During HBLK Interval H1 H2 HBLKSTART A HBLKEND REPEAT AREA 0 HD B C REPEAT AREA 1 REPEAT AREA 2 REPEAT AREA 3 REPEAT AREA 4 REPEAT AREA 5 MASK A, B, C PULSES IN ANY REPEAT AREA BY SETTING RA*H*REP* = 0 CHANGE NUMBER OF A, B, C PULSES IN ANY REPEAT AREA USING RA*H*REP* REGISTERS CREATE UP TO 3 GROUPS OF TOGGLES A, B, C COMMON IN ALL REPEAT AREAS Figure 29. HBLK Mode 2 Operation HBLK H1 H2 HBLKSTART HBLKSTARTA HBLKEND HBLKLEN REPEAT AREA 0 HBLKREP = 2 TO CREATE TWO REPEAT AREAS HD REPEAT AREA 1 HBLKSTARTB HBLKSTARTC RA0H1REPA RA0H1REPB RA0H1REPC ALL RA*H*REPA/B/C REGISTERS = 2 TO CREATE TWO HCLK PULSES RA1H1REPA RA1H1REPB RA1H1REPC RA0H2REPA RA0H2REPB RA0H2REPC RA1H2REPA RA1H2REPB RA1H2REPC Figure 30. HBLK Mode 2 Registers |