| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9992BBCZRL bảng dữ liệu(PDF) 37 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9992BBCZRL bảng dữ liệu(HTML) 37 Page - Analog Devices |
|
37 / 92 page ![]() AD9992 Rev. C | Page 37 of 92 Hold Area Using FREEZE/RESUME Registers The FREEZE/RESUME registers can also be used to create a hold area in which the V-outputs are temporarily held and later continued, starting at the point where they were held. As shown in Figure 45, this is different from the VMASK_EN register because the V-outputs continue from where they stopped rather than from where they would have been. The hold area temporarily stops the pixel counter for the V-outputs, while the V-masking allows the counter to continue in the masking area. XV1 XV8 HD NOTES 1. WHEN HOLD = 1 FOR ANY V-SEQUENCE GROUP, THE FREEZE AND RESUME REGISTERS ARE USED TO SPECIFY THE HOLD AREA. 2. ABOVE EXAMPLE: XV1 TO XV10 ARE ASSIGNED TO GROUP A. HOLD BIT FOR GROUP A = 1. 3. H-COUNTER FOR GROUP A (XV1 TO XV10) STOPS DURING HOLD AREA. XV9 HOLD AREA FOR GROUP A XV10 FREEZE RESUME Figure 45. Hold Area for Group A |