công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UA78L05CLP bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UA78L05CLP
Giải thích chi tiết về linh kiện  UA78L Series Positive-Voltage Linear Regulators
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UA78L05CLP bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button UA78L05CLP Datasheet HTML 3Page - Texas Instruments UA78L05CLP Datasheet HTML 4Page - Texas Instruments UA78L05CLP Datasheet HTML 5Page - Texas Instruments UA78L05CLP Datasheet HTML 6Page - Texas Instruments UA78L05CLP Datasheet HTML 7Page - Texas Instruments UA78L05CLP Datasheet HTML 8Page - Texas Instruments UA78L05CLP Datasheet HTML 9Page - Texas Instruments UA78L05CLP Datasheet HTML 10Page - Texas Instruments UA78L05CLP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
6.7 Electrical Characteristics: UA78L05 (Both Legacy and New Chip) (continued)
at specified junction temperature, VI = 10 V, CIN = 0.33 µF, COUT = 0.1µF and IO = 40 mA (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
Bias current
for legacy chip
TJ = 25°C
3.8
6
mA
TJ = 125°C
5.5
mA
for new chip
TJ = 25°C
3.53
3.95
mA
TJ = 125°C
4.0
Bias current change
VI = 8 V to 20 V, and TJ = full range (for new legacy chip)
1.5
mA
IO = 1 mA to 40 mA, and
TJ = full range (for legacy chip)
UA78L05C
1.5
mA
UA78L05AC and UA78L05AI
1.5
mA
VI = 8 V to 20 V, and TJ = full range (for new chip)
0.485
mA
IO = 1 mA to 40 mA, and
TJ = full range (for new chip)
UA78L05C
0.01
UA78L05AC and UA78L05AI
0.01
(1)
Applies to UA78L05C, UA78L05AC and UA78L05AI.
(2)
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. For legacy
chip, temperature range for the UA78L05C, UA78L05AC is TJ = 0°C to 125°C, and for the UA78L05AI is TJ = –40°C to 125°C. For new
chip, temperature range for the UA78L05C, UA78L05AC and UA78L05AI is TJ = –40°C to 125°C.
6.8 Electrical Characteristics: UA78L12 (Both Legacy and New Chip)
at specified junction temperature, VI = 19 V, CIN = 0.33 µF, COUT = 0.1µF and IO = 40 mA (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
Output voltage
VI = 14 V to 27 V, and IO
= 1 mA to 40 mA
TJ = 25°C
UA78L12C (legacy
chip)
11.1
12
12.9
V
UA78L12AC (legacy
chip)
11.5
12
12.5
TJ = 0°C to 125°C
UA78L12C (legacy
chip)
10.8
13.2
UA78L12AC (legacy
chip)
11.4
12.6
TJ = 0°C to 125°C, and IO = 1 mA to 70 mA
UA78L12C (legacy
chip)
10.8
13.2
UA78L12AC (legacy
chip)
11.4
12.6
VI = 14 V to 27 V, and IO
= 1 mA to 40 mA
TJ = 25°C
UA78L12C (new
chip)
11.83
12
12.31
UA78L12AC (new
chip)
TJ = -40°C to 125°C
UA78L12C (new
chip)
11.65
12.35
UA78L12AC (new
chip)
TJ = -40°C to 125°C, and IO = 1 mA to 70 mA
UA78L12C (new
chip)
11.47
12.35
UA78L12AC (new
chip)
Input voltage regulation
TJ = 25°C
VI = 14.5 V to 27 V
for legacy chip
55
250
mV
VI = 16 V to 27 V
49
200
VI = 14.0 V to 27 V
for new chip
55
80
VI = 16 V to 27 V
49
65
Ripple rejection
TJ = 25°C
VI = 15 V to 25 V, and f =
120 Hz
UA78L12C (legacy
chip)
36
42
dB
UA78L12AC (legacy
chip)
37
42
UA78L12C (new
chip)
40
50
UA78L12AC (new
chip)
www.ti.com
UA78L
SLVS010X – JANUARY 1976 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: UA78L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com