công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UA78L05CLP bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UA78L05CLP
Giải thích chi tiết về linh kiện  UA78L Series Positive-Voltage Linear Regulators
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UA78L05CLP bảng dữ liệu(HTML) 4 Page - Texas Instruments

  UA78L05CLP Datasheet HTML 1Page - Texas Instruments UA78L05CLP Datasheet HTML 2Page - Texas Instruments UA78L05CLP Datasheet HTML 3Page - Texas Instruments UA78L05CLP Datasheet HTML 4Page - Texas Instruments UA78L05CLP Datasheet HTML 5Page - Texas Instruments UA78L05CLP Datasheet HTML 6Page - Texas Instruments UA78L05CLP Datasheet HTML 7Page - Texas Instruments UA78L05CLP Datasheet HTML 8Page - Texas Instruments UA78L05CLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input voltage, VI (for legacy chip)
UA78L02AC, UA78L05C, UA78L09C, and UA78L10AC
30
V
UA78L12C, UA78L12AC, UA78L15C, and UA78L15AC
35
Input voltage, VI (for new chip)
UA78L33AI, UA78L05AC, UA78L05AI, UA78L05C, UA78L12AC and
UA78L15AC
45
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE (Legacy Chip)
VALUE (New Chip)
UNIT
V(ESD
)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
1000
2000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101, all pins(2)
1000
1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
MIN
TYP
MAX
UNIT
VI
Input voltage
UA78L02AC (for legacy chip only)
4.75
20
V
UA78L033AC (for new chip only)
4.75
20
UA78L05C and UA78L05AC (for both
legacy and new chip)
7
20
UA78L06C and UA78L06AC (for legacy
chip only)
8.5
20
UA78L08C and UA78L08AC (for legacy
chip only)
10.5
23
UA78L09C and UA78L09AC (for legacy
chip only)
11.5
24
UA78L10AC (for legacy chip only)
12.5
25
UA78L12C and UA78L12AC (for both
legacy and new chip)
14.5
27
UA78L15C and UA78L15AC (for both
legacy and new chip)
17.5
30
IO
Output current
100
mA
CIN (2)
Input capacitor (3)
0.33
µF
COUT (2)
Output capacitor (4)
0.1
TJ
Operating junction temperature
UA78L00C and UA78L00AC series (for
legacy chip)
0
125
°C
UA78L05AI (for legacy chip)
–40
125
UA78L00C , UA78L00AC, and UA78L05AI
series (for new chip)
–40
125
(1)
All voltages are with respect to GND.
(2)
UA78L regulator doesn't need any external capacitors for the the LDO stability.
(3)
An input capacitor with value of 0.33 μF is recommended to counteract the effect of source resistance and inductance, which can in
some cases cause symptoms of system level instability such as ringing or oscillation, especially in the presence of load transients.
(4)
An output capacitor with value of 0.1 μF is recommended to improve the load and line transient performance of the UA78L regulator.
UA78L
SLVS010X – JANUARY 1976 – REVISED JUNE 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: UA78L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com