công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEF4538B bảng dữ liệu(PDF) 6 Page - Nexperia B.V. All rights reserved

tên linh kiện HEF4538B
Giải thích chi tiết về linh kiện  Dual precision monostable multivibrator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

HEF4538B bảng dữ liệu(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button HEF4538B Datasheet HTML 2Page - Nexperia B.V. All rights reserved HEF4538B Datasheet HTML 3Page - Nexperia B.V. All rights reserved HEF4538B Datasheet HTML 4Page - Nexperia B.V. All rights reserved HEF4538B Datasheet HTML 5Page - Nexperia B.V. All rights reserved HEF4538B Datasheet HTML 6Page - Nexperia B.V. All rights reserved HEF4538B Datasheet HTML 7Page - Nexperia B.V. All rights reserved HEF4538B Datasheet HTML 8Page - Nexperia B.V. All rights reserved HEF4538B Datasheet HTML 9Page - Nexperia B.V. All rights reserved HEF4538B Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Nexperia
HEF4538B
Dual precision monostable multivibrator
Table 7. Typical static characteristics
VSS = 0 V; VI = VSS or VDD; Tamb = 25 °C.
Symbol
Parameter
Conditions
VDD
Typ
Unit
5 V
[1]
55
μA
10 V
150
μA
IDD
supply current
active state
15 V
220
μA
CI
input capacitance
nREXT/CEXT
-
15
pF
[1] Only one monostable is switching: for the specified current during the output pulse (output nQ is HIGH).
10. Dynamic characteristics
Table 8. Dynamic characteristics
VSS = 0 V; Tamb = 25 °C; for test circuit see Fig. 11.
Symbol Parameter
Conditions
VDD
Extrapolation formula[1] Min
Typ
Max Unit
5 V
193 ns + (0.55 ns/pF) CL
-
220
440
ns
10 V
74 ns + (0.23 ns/pF) CL
-
85
190
ns
nA, nB to nQ; see Fig. 6
15 V
52 ns + (0.16 ns/pF) CL
-
60
120
ns
5 V
98 ns + (0.55 ns/pF) CL
-
125
250
ns
10 V
44 ns + (0.23 ns/pF) CL
-
55
110
ns
tPHL
HIGH to LOW
propagation
delay
nCD to nQ; see Fig. 6
15 V
32 ns + (0.16 ns/pF) CL
-
40
80
ns
5 V
173 ns + (0.55 ns/pF) CL
-
200
460
ns
10 V
79 ns + (0.23 ns/pF) CL
-
90
180
ns
nA, nB to nQ; see Fig. 6
15 V
52 ns + (0.16 ns/pF) CL
-
60
120
ns
5 V
98 ns + (0.55 ns/pF) CL
-
125
250
ns
10 V
44 ns + (0.23 ns/pF) CL
-
55
110
ns
tPLH
LOW to HIGH
propagation
delay
nCD to nQ; see Fig. 6
15 V
32 ns + (0.16 ns/pF) CL
-
40
80
ns
5 V
[2] 10 ns + (1.00 ns/pF) CL
-
60
120
ns
10 V
9 ns + (0.42 ns/pF) CL
-
30
60
ns
tt
transition time
see Fig. 6
15 V
6 ns + (0.28 ns/pF) CL
-
20
40
ns
5 V
-
20
40
ns
10 V
-
10
20
ns
trec
recovery time
nCD to nA, nB; see Fig. 7
15 V
-
5
10
ns
5 V
0
-
-
ns
10 V
0
-
-
ns
trtrig
retrigger time
nQ, nQ to nA, nB;
see Fig. 7
15 V
0
-
-
ns
HEF4538B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 12 — 4 March 2022
6 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com