công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMC2991UDR4 bảng dữ liệu(PDF) 3 Page - Diodes Incorporated

tên linh kiện DMC2991UDR4
Giải thích chi tiết về linh kiện  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2991UDR4 bảng dữ liệu(HTML) 3 Page - Diodes Incorporated

  DMC2991UDR4 Datasheet HTML 1Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 2Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 3Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 4Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 5Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 6Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 7Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 8Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DMC2991UDR4
Document number: DS44723 Rev. 4 - 2
3 of 12
www.diodes.com
October 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DMC2991UDR4
Maximum Ratings Q1 N-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
0.5
0.4
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
0.3
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
1.4
A
Maximum Ratings Q2 P-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 5) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-0.36
-0.3
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
-0.3
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
-0.8
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
0.37
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
337
°C/W
Total Power Dissipation (Note 6)
PD
0.7
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
178
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com