công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMC2991UDR4 bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện DMC2991UDR4
Giải thích chi tiết về linh kiện  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2991UDR4 bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  DMC2991UDR4 Datasheet HTML 1Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 2Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 3Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 4Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 5Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 6Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 7Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 8Page - Diodes Incorporated DMC2991UDR4 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DMC2991UDR4
Document number: DS44723 Rev. 4 - 2
1 of 12
www.diodes.com
October 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DMC2991UDR4
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Product Summary
Description and Applications
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Power management functions
Backlighting
Load switches
Device
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
Q1
20V
0.99
Ω @ V
GS = 4.5V
0.49A
1.2
Ω @ V
GS = 2.5V
0.45A
1.8
Ω @ V
GS = 1.8V
0.37A
2.4
Ω @ V
GS = 1.5V
0.32A
Q2
-20V
1.9
Ω @ VGS = -4.5V
-0.36A
2.4
Ω @ VGS = -2.5V
-0.32A
3.4
Ω @ VGS = -1.8V
-0.27A
5.0
Ω @ VGS = -1.5V
-0.22A
Features
Low On-Resistance
Very Low Gate Threshold Voltage
N-Channel: 1.0V Maximum
P-Channel: -1.0V Maximum
Low Input/Output Leakage
Fast Switching Speed
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: X2-DFN1010-6
Package
Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
– NiPdAu over Copper Leadframe; Solderable
per MIL-STD-202, Method 208
Weight: 0.0015 grams (Approximate)
Ordering Information (Note 4)
Part Number
Package
Tape Width (mm)
Tape Pitch (mm)
Packing
Qty.
Carrier
DMC2991UDR4-7
X2-DFN1010-6 (Type UXC)
8
4
5000
Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
X2-DFN1010-6 (Type UXC)
ESD PROTECTED
Pin-out Top View
Equivalent Circuit
Bottom View
N-Channel
P-Channel
e4


Số phần tương tự - DMC2991UDR4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
DMC2991UDA DIODES-DMC2991UDA Datasheet
563Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2020
DMC2991UDA-7B DIODES-DMC2991UDA-7B Datasheet
563Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2020
DMC2991UDJ DIODES-DMC2991UDJ Datasheet
886Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
April 2022
DMC2991UDJ-7 DIODES-DMC2991UDJ-7 Datasheet
886Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
April 2022
DMC2991UDJ-7B DIODES-DMC2991UDJ-7B Datasheet
886Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
April 2022
More results

Mô tả tương tự - DMC2991UDR4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 6
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC2041UFDB DIODES-DMC2041UFDB Datasheet
659Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com