| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PQ201 bảng dữ liệu(PDF) 16 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PQ201 bảng dữ liệu(HTML) 16 Page - Pico Technology Ltd. |
|
16 / 39 page ![]() PicoScope® 6000E Series Mask limit testing Mask limit testing allows you to compare live signals against known good signals, and is designed for production and debugging environments. Simply capture a known good signal, draw (or have PicoScope auto-generate) a mask and then measure the system under test. PicoScope will check for mask violations and perform pass/fail testing, capture intermittent glitches, and can show a failure count and other statistics in the Measurements window. Masks can be saved in a library for future use, and exported/imported to share with other PicoScope users. Waveform buffer and navigator Ever spotted a glitch on a waveform, but by the time you’ve stopped the scope it has gone? With PicoScope you don’t need to worry about missing glitches or other transient events. PicoScope can store the last ten thousand oscilloscope or spectrum waveforms in its circular waveform buffer. The buffer navigator provides an efficient way of navigating and searching through waveforms, effectively letting you turn back time. Tools such as mask limit testing can also be used to scan through each waveform in the buffer looking for mask violations. |