công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BLF246B bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện BLF246B
Giải thích chi tiết về linh kiện  VHF push-pull power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF246B bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button BLF246B Datasheet HTML 5Page - NXP Semiconductors BLF246B Datasheet HTML 6Page - NXP Semiconductors BLF246B Datasheet HTML 7Page - NXP Semiconductors BLF246B Datasheet HTML 8Page - NXP Semiconductors BLF246B Datasheet HTML 9Page - NXP Semiconductors BLF246B Datasheet HTML 10Page - NXP Semiconductors BLF246B Datasheet HTML 11Page - NXP Semiconductors BLF246B Datasheet HTML 12Page - NXP Semiconductors BLF246B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2000 Feb 04
9
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF246B
Fig.12 Component layout for 175 MHz class-B test circuit.
Dimensions in mm.
The circuit and components are situated on one side of the PTFE fibre-glass board, the other side being fully metallized, to serve as a ground plane.
Earth connections are made by means of copper straps and hollow rivets for a direct contact between upper and lower sheets.
handbook, full pagewidth
strap
strap
rivet
rivet
rivet
rivet
rivet
rivet
strap
strap
strap
strap
strap
strap
110
200
MGR750
+VG
+VD
+VG
+VD
L1
+ L2
L23
+ L24
L3
C1
C2
C3
L4
L5
C4
C5
L6
L7
C7
C8
C10
C9
L8
L9
R1
R2
L10
L11
C6
C16
C15
L13
L14
L16
L17
C21
C22
C23
C24
L18
L19
L20
L21
L22
C25
C26
C17
R3
C19
C20
L15
C18
L12
C13
C12
C11
C14
R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16