| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS952601 bảng dữ liệu(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS952601 bảng dữ liệu(HTML) 22 Page - Renesas Technology Corp |
|
22 / 26 page ![]() IDTTM Progammable Timing Control HubTM for Next Gen P4TM Processor 701J—01/25/10 ICS952601 Programmable Timing Control HubTM for Next Gen P4TM Processor 22 PCI_STOP Asserted SRC_Stop = Tristate, SRC_Pwrdwn = Tristate PCI_Stop# 1.8mS PWRDWN# PCI (Free Running) CPU (Free Running) CPU# (Free Running) SRC (Stoppable) SRC# (Stoppable) Notes: 1. When SRC_Pwrdwn and SRC_Stop are set to tristate, the clock chip will tristate outputs during the assertion of PCI_Stop# and PWRDWN#. 2. In the case that PCI_Stop# is de-asserted during the 1.8mS PWRDWN# de-assertion resume delay, the clock chip can sample the PCI_Stop# high with the internal rising edges of CPU clock#. This will result in SRC clocks resuming immediately after the 1.8mS window expires. This applies to all control register bit changes as well. 3. Tristate outputs are pulled low by output termination resistors as shown here. |