| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS952601 bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS952601 bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp |
|
19 / 26 page ![]() IDTTM Progammable Timing Control HubTM for Next Gen P4TM Processor 701J—01/25/10 ICS952601 Programmable Timing Control HubTM for Next Gen P4TM Processor 19 The following diagrams illustrate CPU clock timing during CPU_Stop# and PwrDwn# modes with CPU_PwrDwn and CPU_Stop tristate control bits set to driven or tristate in byte 2 of the control register. CPU_Stop = Driven, CPU_Pwrdwn = Driven CPU_Stop# 1.8mS PD# CPU (Free Running) CPU# (Free Running) CPU (Stoppable) CPU# (Stoppable) Notes: 1. When both bits (CPU_Stop & CPU_Pwrdown tristate bits) are low, the clock chip will never tristate CPU output clocks (assuming clock's OE bit is set to "1") CPU Clock Tristate Timing CPU_Stop = Tristate, CPU_Pwrdwn = Driven CPU_Stop# 1.8mS PD# CPU (Free Running) CPU# (Free Running) CPU (Stoppable) CPU# (Stoppable) Notes: 1. Tristate outputs are pulled low by output termination resistors as shown here. |