công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA863DBVR bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện OPA863DBVR
Giải thích chi tiết về linh kiện  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

OPA863DBVR bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button OPA863DBVR Datasheet HTML 23Page - Texas Instruments OPA863DBVR Datasheet HTML 24Page - Texas Instruments OPA863DBVR Datasheet HTML 25Page - Texas Instruments OPA863DBVR Datasheet HTML 26Page - Texas Instruments OPA863DBVR Datasheet HTML 27Page - Texas Instruments OPA863DBVR Datasheet HTML 28Page - Texas Instruments OPA863DBVR Datasheet HTML 29Page - Texas Instruments OPA863DBVR Datasheet HTML 30Page - Texas Instruments OPA863DBVR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
9.2.4 Variable Reference Generator Using MDAC
High-speed amplifiers can be used as a voltage buffer at MDAC output to generate a fast-settling variable
reference voltage. Figure 9-5 shows a representative circuit using DAC8801 and OPAx863.
DAC8801
+
–
I
OUT
R
FB
V
REF
V
DD
+6 V
6 V
OPAx863
V
OUT
Figure 9-5. Variable Reference Generator Using MDAC and OPAx863
9.2.5 Clamp-On Ultrasonic Flow Meter
Figure 9-6 shows how ultrasonic flow meters measure the rate of flow of a liquid using transit-time difference
(t12–t21), which depends on the flow rate. Figure 9-6 shows a representative schematic for a non-intrusive
ultrasonic flow meter using the OPAx863 and 12-V transducer excitation. The OPAx863 are used for the forward
path as a unity-gain buffer for 12-V pulsed transducer excitation at NODE 1. At the same time, the receiver
circuit at NODE 2 (which also uses the OPAx863) first provides an ac-gain followed by a dc-level shift to lead to
the PGA, ADC, and processor within the MSP430™ microcontroller.
NODE 2 and NODE 1 use similar transmit and receive circuits (discussed previously) for the reverse path.
The OPAx863 wide GBW of 50 MHz introduces minimal phase-delay and low-noise for excellent flow rate
measurement. The amplifier stays in power-down mode for a majority of the time in battery-powered systems.
This configuration results in very small average system-level power consumption and prolonged battery lifetime
with the 1.5
‑µA (maximum) power-down mode quiescent current with a 3-V supply. The transmit and receive
signal chains are connected to the same point at the respective node transducers. Therefore, the OPAx863
12.6-V supply voltage capability enables 12-V transducer excitation without any damage to the front-end, or a
need for external switches, thus enabling a more compact solution. These specifications make the OPAx863 an
excellent choice for flow measurements in large diameter pipes and non-intrusive flow meters. The TIDM-02003
reference design discusses an ultrasonic gas flow sensing subsystem which uses high-speed amplifiers for
front-end amplification.
TR
X1
+
±
OP Ax863
12 V
R
ISO
+
±
R
F
R
G
C
G
C
Filt
C
AC2
R¶
R¶
3.3 V
PGA
ADC
MSP430FR6043
OP Ax863
TR
X2
Processor
Transmitter
Receiver
Receiver
Transmitter
NODE-1
NODE-2
3.3 V
12 V
0 V
12 V
V
TX
0 V
12 V
V
TX
V
R X
V
R X
t
12
t
21
R
R
C
AC1
12 V
Figure 9-6. Non-Intrusive Ultrasonic Flow Meter
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982J – JUNE 2020 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52