| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPA863DBVR bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA863DBVR bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 52 page ![]() 7.7 Electrical Characteristics: VS = 10 V at VS+ = 5 V, VS– = –5 V, G = 1 V/V, RF = 0 Ω for G = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to mid-supply, input and output common-mode is at mid-supply, and TA ≅ 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT AC PERFORMANCE SSBW Small-signal bandwidth VOUT = 20 mVPP, G = 1, < 1 dB peaking 110 MHz GBWP Gain-bandwidth product 50 MHz LSBW Large-signal bandwidth VOUT = 2 VPP 17 MHz Bandwidth for 0.1-dB flatness VOUT = 20 mVPP 15 MHz SR Slew rate VOUT = 2–V step, G = –1 105 V/µs Rise, fall time VOUT = 200–mV step 9 ns Settling time to 0.1% VOUT = 2–V step 57 ns Settling time to 0.01% 70 Overshoot/undershoot VOUT = 2–V step 1 % Overdrive recovery time G = –1, 0.5 V overdrive beyond supplies 70 ns G = 1, 0.5 V overdrive beyond supplies 100 HD2 Second-order harmonic distortion f = 20 kHz, VOUT = 2 VPP –129 dBc HD3 Third-order harmonic distortion –138 HD2 Second-order harmonic distortion f = 100 kHz, VOUT = 2 VPP –107 dBc HD3 Third-order harmonic distortion –125 eN Input voltage noise Flatband, 1/f corner at 25 Hz 5.9 nV/√Hz iN Input current noise Flatband, 1/f corner at 2 kHz 0.4 pA/√Hz Closed-loop output impedance f = 1 MHz 0.2 Ω Channel-to-channel crosstalk f = 1 MHz, VOUT = 2 VPP, OPA2863 –124 dBc DC PERFORMANCE AOL Open-loop voltage gain VOUT = ±2.5 V 110 128 dB VOS Input-referred offset voltage –1.3 ±0.4 1.3 mV Input offset voltage drift TA = –40°C to +125°C, D, DBV-5, RUN and DGK packages –3.5 ±1 3.5 µV/°C TA = –40°C to +125°C, PW package –4 ±1 4 TA = 0°C to +85°C, DBV-6 package –4.4 ±1 4.4 TA = –40°C to +125°C, DBV-6 package –4.9 ±1 4.9 Input bias current TA ≅ 25°C 0.3 0.73 µA TA = –40°C to +85°C 1.2 TA = –40°C to +125°C 1.6 Input bias current drift TA = –40°C to +125°C ±3 7.6 nA/°C Input offset current –30 ±10 30 nA INPUT Input common-mode voltage range VS––0.2 VS++0.2 V CMRR Common-mode rejection ratio VCM = VS– – 0.2 V to VS+ – 1.6 V 100 120 dB Input impedance common-mode 650 || 0.8 MΩ || pF Input impedance differential mode 200 || 0.5 kΩ || pF OUTPUT VOL Output voltage, low TA ≅ 25°C VS–+0.14 VS–+0.2 V TA = –40°C to +125°C VS–+0.15 VS–+0.22 VOH Output voltage, high TA ≅ 25°C VS+–0.2 VS+–0.14 V TA = –40°C to +125°C VS+–0.2 VS+–0.15 OPA863, OPA2863, OPA4863 SBOS982J – JUNE 2020 – REVISED JUNE 2023 www.ti.com 8 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: OPA863 OPA2863 OPA4863 |