| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS91720 bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS91720 bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp |
|
6 / 12 page ![]() 6 ICS91720 0698D—10/05/04 Byte 3 Pin # Name Control Function 0 1 PWD Bit 7 X (Reserved) (Reserved) RW - - 1 Bit 6 X (Reserved) (Reserved) RW - - 1 Bit 5 X (Reserved) (Reserved) RW - - 1 Bit 4 X (Reserved) (Reserved) RW - - 1 Bit 3 x (Reserved) (Reserved) RW - - 1 Bit 2 X (Reserved) (Reserved) RW - - 1 Bit 1 X (Reserved) (Reserved) RW - - 1 Bit 0 X (Reserved) (Reserved) RW - - 1 Byte 4 Pin # Name Control Function 0 1 PWD Bit 7 X (Reserved) (Reserved) RW - - 1 Bit 6 X (Reserved) (Reserved) RW - - 1 Bit 5 X (Reserved) (Reserved) RW - - 1 Bit 4 X (Reserved) (Reserved) RW - - 1 Bit 3 X (Reserved) (Reserved) RW - - 1 Bit 2 X (Reserved) (Reserved) RW - - 1 Bit 1 X (Reserved) (Reserved) RW - - 1 Bit 0 X (Reserved) (Reserved) RW - - 1 Byte 5 Pin # Name Control Function 0 1 PWD Bit 7 X (Reserved) (Reserved) -- - 1 Bit 6 X (Reserved) (Reserved) -- - 1 Bit 5 X (Reserved) (Reserved) -- - 1 Bit 4 X (Reserved) (Reserved) -- - 1 Bit 3 X (Reserved) (Reserved) RW - - 1 Bit 2 X (Reserved) (Reserved) RW - - 1 Bit 1 X (Reserved) (Reserved) RW - - 1 Bit 0 X (Reserved) (Reserved) RW - - 1 Affected Pin Bit Control Type Affected Pin Type Bit Control Affected Pin Type Bit Control |