| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS91720 bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS91720 bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp |
|
4 / 12 page ![]() 4 ICS91720 0698D—10/05/04 General I 2C serial interface information How to Write: • Controller (host) sends a start bit. • Controller (host) sends the write address D4 (H) • ICS clock will acknowledge • Controller (host) sends the begining byte location = N • ICS clock will acknowledge • Controller (host) sends the data byte count = X • ICS clock will acknowledge • Controller (host) starts sending Byte N through Byte N + X -1 (see Note 2) • ICS clock will acknowledge each byte one at a time • Controller (host) sends a Stop bit How to Read: • Controller (host) will send start bit. • Controller (host) sends the write address D4 (H) • ICS clock will acknowledge • Controller (host) sends the begining byte location = N • ICS clock will acknowledge • Controller (host) will send a separate start bit. • Controller (host) sends the read address D5 (H) • ICS clock will acknowledge • ICS clock will send the data byte count = X • ICS clock sends Byte N + X -1 • ICS clock sends Byte 0 through byte X (if X (H) was written to byte 8). • Controller (host) will need to acknowledge each byte • Controllor (host) will send a not acknowledge bit • Controller (host) will send a stop bit ICS (Slave/Receiver) T WR ACK ACK ACK ACK ACK P Byte N + X - 1 Data Byte Count = X Beginning Byte N stoP bit Index Block Write Operation Slave Address D4(H) Beginning Byte = N WRite starT bit Controller (Host) TstarT bit WR WRite RT Repeat starT RD ReaD Beginning Byte N Byte N + X - 1 N Not acknowledge PstoP bit ICS (Slave/Receiver) Controller (Host) ACK ACK Data Byte Count = X ACK Slave Address D5(H) Index Block Read Operation Slave Address D4(H) Beginning Byte = N ACK ACK |