| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSD2B bảng dữ liệu(PDF) 14 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
LSD2B bảng dữ liệu(HTML) 14 Page - Honeywell Solid State Electronics Center |
|
14 / 38 page ![]() 14 sensing.honeywell.com MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series Figure 2. MICRO SWITCH HDLS side rotary (single pole) di- mensions 62,0 [2.44] 7,32 [.29] 106,7 [4.20] 74,9 [2.95] 44,5 [1.75] 16,5 [.65] 39,6 [1.56] 41,1 [1.62] 70,4 [2.77] 59,4 [2.34] 29,4 [1.16] 14,7 [.58] 19,0 [.75] 25,4 [1.00] LSA SPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) MTG PADS CONDUIT OPENING LOCATION 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY SPDT Plug-in (mm[in]) 75,9 [2.97] 44,5 [1.75] 20,3 [0.8] 59,5 [2.34] 19,05 [.75] 39,6 [1.56] 14,7 [0.58] 29,4 [1.16] 41,1 [1.62] 70,4 [2.77] 36,6 [1.44] MTG PADS CONDUIT OPENING LOCATION LSA SPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY SPDT Non-plug-in (mm[in]) Figure 3. MICRO SWITCH HDLS side rotary (double pole) dimensions 89,5 [3.53] 18,8 [.74] 62,0 [2.44] 45,3 [1.78] 119 [4.69] 7,32 [.29] 39,6 [1.56] 14,7 [.58] 19,0 [.75] 59,4 [2.34] 29,4 [1.16] 47,8 [1.88] 82,6 [3.53] 26,4 [1.04] CONDUIT OPENING LOCATION LSA DPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS 119 [4.69] 21,3 [.84] 45,3 [1.78] 62,0 [2.44] 7,32 [.29] 29,4 [1.16] 47,8 [1.88] 59,4 [2.34] 19,0 [.75] 14,7 [.58] 39,6 [1.56] 38,1 [1.50] 82,6 [3.25] 89,7 [3.53] CONDUIT OPENING LOCATION LSA DPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS DPDT Plug-in (mm[in]) DPDT Non-plug-in (mm[in]) |