công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSD2B bảng dữ liệu(PDF) 10 Page - Honeywell Solid State Electronics Center

tên linh kiện LSD2B
Giải thích chi tiết về linh kiện  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSD2B bảng dữ liệu(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button LSD2B Datasheet HTML 6Page - Honeywell Solid State Electronics Center LSD2B Datasheet HTML 7Page - Honeywell Solid State Electronics Center LSD2B Datasheet HTML 8Page - Honeywell Solid State Electronics Center LSD2B Datasheet HTML 9Page - Honeywell Solid State Electronics Center LSD2B Datasheet HTML 10Page - Honeywell Solid State Electronics Center LSD2B Datasheet HTML 11Page - Honeywell Solid State Electronics Center LSD2B Datasheet HTML 12Page - Honeywell Solid State Electronics Center LSD2B Datasheet HTML 13Page - Honeywell Solid State Electronics Center LSD2B Datasheet HTML 14Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
ELECTROMECHANICAL SWITCHES
Definitions below explain the meaning of
operating characteristics. Characteristics
shown in tables were chosen as most
significant. They are taken at normal
room temperature and humidity. These
may vary as temperature and humidity
conditions differ. Sketches show how
characteristics are measured for in-line
plunger actuation and rotary actuation.
Linear dimensions for in-line actuation
are from top of plunger to a reference
line, usually the center of the mounting
holes. Rotary actuated HDLS limit
switches have the characteristics in
degrees of angular rotation.
Differential Travel (D.T.) – Plunger
or actuator travel from point where
contacts ‘‘snap-over’’ to point where they
‘‘snapback.’’
Free Position (F.P.) – Position of switch
plunger or actuator when no external
force is applied (other than gravity).
Full Overtravel Force – Force required
to attain full overtravel of actuator.
Operating Position (O.P.) – Position of
switch plunger or actuator at which point
contacts snap from normal to operated
position. Note that in the case of flexible
or adjustable actuators, the operating
position is measured from the end of the
lever or its maximum length. Location of
operating position measurement shown
on mounting dimension drawings.
Operating Force (O.F.) – Amount
of force applied to switch plunger or
actuator to cause contact ‘‘snap-over.’’
Note in the case of adjustable actuators,
the force is measured from the maximum
length position of the lever.
Overtravel (O.T.) – Plunger or actuator
travel safely available beyond operating
position.
Pretravel (P.T.) – Distance or angle
traveled in moving plunger or actuator
from free position to operating position.
Release Force (R.F.) – Amount of force
still applied to switch plunger or actuator
at moment contacts snap from operated
position to unoperated position.
Total Travel (T.T.) – Distance from
actuator free position to overtravel limit
position.
NC
NO
NO
NC
Bar Chart Description (Inline and Rotary)
> Actuation
< Release
R.T.
O.T.
O.P.
T.T.
D.T.
F.P.
NC = Normally closed contact(s)
NO = Normally open contact (s)
contact closed
contact open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com