| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC850DSL bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC850DSL bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 72 page ![]() MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2 2 Freescale Semiconductor Overview The CPM of the MPC850 supports up to seven serial channels, as follows: • One or two serial communications controllers (SCCs). The SCCs support Ethernet, ATM (MPC850SR and MPC850DSL), HDLC and a number of other protocols, along with a transparent mode of operation. • One USB channel • Two serial management controllers (SMCs) • One I2C port • One serial peripheral interface (SPI). Table 1 shows the functionality supported by the members of the MPC850 family. Additional documentation may be provided for parts listed in Table 1. Table 1. MPC850 Functionality Matrix Part Number of SCCs Supported Ethernet Support ATM Support USB Support Multi-channel HDLC Support Number of PCMCIA Slots Supported MPC850 1 Yes - Yes - 1 MPC850DE 2 Yes - Yes - 1 MPC850SR 2 Yes Yes Yes Yes 1 MPC850DSL 2 Yes Yes Yes No 1 |