| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R2000 bảng dữ liệu(PDF) 34 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
R2000 bảng dữ liệu(HTML) 34 Page - List of Unclassifed Manufacturers |
|
34 / 75 page ![]() Indy® R2000 Electrical, Mechanical, & Thermal Specification Revision 2.0, Copyright © 2015, Impinj, Inc. 34 Addr. Name R/W Bit Description Reset Type Comment 0a5 TX_SD_N1 R/W 15 14 13 12 11 10:5 4:0 Ends low flag for Manchester encoding Invert amplitude I Invert amplitude Q Enable I sign switching Enable Q sign switching LUT start address Number of samples h0000 TX microcode for second part of the default symbol. 0a6 TX_SD_RU_A R/W 15 14 13 12 11 10:5 4:0 Ends low flag for Manchester encoding Invert amplitude I Invert amplitude Q Enable I sign switching Enable Q sign switching LUT start address Number of samples h0000 TX microcode for the ramp-up. This ramp-up is used under the following scenarios: Initial ramp-up in normal operation Manchester encoding EOT when the previous bit ended high 0a7 TX_SD_RD R/W 15 14 13 12 11 10:5 4:0 Ends low flag for Manchester encoding Invert amplitude I Invert amplitude Q Enable I sign switching Enable Q sign switching LUT start address Number of samples h0000 TX microcode for the ramp-down. 0a8 TX_SD_D0_0_B R/W 15 14 13 12 11 10:5 4:0 Ends low flag for Manchester encoding Invert amplitude I Invert amplitude Q Enable I sign switching Enable Q sign switching LUT start address Number of samples h0000 TX microcode for first part data-0 starting in the low state. This instruction is used when the previous symbol had its ends low flag set. 0a9 TX_SD_D0_1_B R/W 15 14 13 12 11 10:5 4:0 Ends low flag for Manchester encoding Invert amplitude I Invert amplitude Q Enable I sign switching Enable Q sign switching LUT start address Number of samples h0000 TX microcode for second part data-0 starting in the low state. This instruction is used when the previous symbol had its ends low flag set. 0aA TX_SD_D1_0_B R/W 15 14 13 12 11 10:5 4:0 Ends low flag for Manchester encoding Invert amplitude I Invert amplitude Q Enable I sign switching Enable Q sign switching LUT start address Number of samples h0000 TX microcode for first part data-1 starting in the low state. This instruction is used when the previous symbol had its ends low flag set. 0aB TX_SD_D1_1_B R/W 15 14 13 12 11 10:5 4:0 Ends low flag for Manchester encoding Invert amplitude I Invert amplitude Q Enable I sign switching Enable Q sign switching LUT start address Number of samples h0000 TX microcode for second part data-1 starting in the low state. This instruction is used when the previous symbol had its ends low flag set. |