công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R2000 bảng dữ liệu(PDF) 20 Page - List of Unclassifed Manufacturers

tên linh kiện R2000
Giải thích chi tiết về linh kiện  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

R2000 bảng dữ liệu(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
20
Figure 4-5: Self-jammer Cancellation Grid and Calibration Examples
0,0
I
Q
15,15
15,-15
-15,15
-15,-15
Coarse full scan
3x3 matrix scan
Step size = 4
Scan size = 3
Step size = 1
Scan size = 1
Origin
Origin
The scan type is defined by the origin, the scan size, and the scan step as described in Figure 4-5. For a full scan,
the origin (register 0x151) is typically set to zero, the scan size to three, and step size to four (register 0x152). When
the scan is triggered, the control block evaluates the self-jammer suppression for all the points corresponding to the
blue settings. The value of the best setting is returned in register 0x154. To perform a 3x3 matrix scan around the
previous best setting,
the scan and step sizes are both set to one and the scan retriggered with the “Use current
settings as origin” flag set. The configuration of the scans determines the calibration time. If the data path sample
rate is 3 MSps and the digital filter is bypassed during SJC calibration, suitable settling and measurement durations
are 16 and 8 samples, respectively. These sampling durations correspond to 5.3 and 2.6
μs. Performing a coarse full
scan requires a total of 49 measurements, and take 392
μs. A single 3x3 matrix scan will take 72 μs. To ensure
optimal settings, repeat the matrix scan a few times. Ideally, you should repeat the 3x3 matrix scan periodically to
allow the system to track.
5.1.6 Receive Baseband Interface
The Indy R2000 uses an AC coupling interface between the mixer and the baseband low noise amplifier. This
interface provides a high-pass filtering response to notch out the DC offset generated by the self-jamming signal
from the transmitter.
An example schematic is shown in Figure 4-6. The R2000 reference design has higher order external DRM filters.
The design of the baseband interface meets the following requirements:
The high-pass filtering corner must be low enough to prevent attenuating the received signal. Although the
tag response modulation does not consist of any DC content, the low data rate modes can have significant
signal content very close to DC.
The high-pass filtering corner must be high enough so that the DC changes can converge quickly. There is
a change of DC content going from modulated data transmission (interrogator transmit) to continuous wave
(CW) transmission (interrogator receive). The DC changes must converge before the receive demodulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com