| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF5270VM100 bảng dữ liệu(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCF5270VM100 bảng dữ liệu(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 56 page ![]() MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2 Signal Descriptions Freescale Semiconductor 14 SD_WE PSDRAM5 — — O 92 K13 SD_SCAS PSDRAM4 — — O 91 K12 SD_SRAS PSDRAM3 — — O 90 K11 SD_CKE PSDRAM2 — — O 139 E8 SD_CS[1:0] PSDRAM[1:0] — — O — L12, L13 External Interrupts Port IRQ[7:3] PIRQ[7:3] — — I IRQ7=63 IRQ4=64 N7, M7, L7, P8, N8 IRQ2 PIRQ2 DREQ2 — I —M8 IRQ1 PIRQ1 — — I 65 L8 FEC EMDC PFECI2C3 I2C_SCL U2TXD O 151 D4 EMDIO PFECI2C2 I2C_SDA U2RXD I/O 150 D5 ECOL — — — I 9 E2 ECRS — — — I 8 E1 ERXCLK — — — I 7 D1 ERXDV — — — I 6 D2 ERXD[3:0] — — — I 5:2 D3, C1, C2, B1 ERXER — — — O 159 B2 ETXCLK — — — I 158 A2 ETXEN — — — I 157 C3 ETXER — — — O 156 B3 ETXD[3:0] — — — O 155:152 A3, A4, C4, B4 I2C I2C_SDA PFECI2C1 — — I/O —J12 I2C_SCL PFECI2C0 — — I/O —J11 DMA DACK[2:0] and DREQ[2:0] do not have a dedicated bond pads. Please refer to the following pins for muxing: TS and DT2OUT for DACK2, TSIZ1and DT1OUT for DACK1, TSIZ0 and DT0OUT for DACK0, IRQ2 and DT2IN for DREQ2, TEA and DT1IN for DREQ1, and TIP and DT0IN for DREQ0. — — QSPI QSPI_CS1 PQSPI4 SD_CKE — O —B7 Table 2. MCF5270 and MCF5271 Signal Information and Muxing (continued) Signal Name GPIO Alternate 1 Alternate 2 Dir.1 MCF5270 MCF5271 160 QFP MCF5270 MCF5271 196 MAPBGA |