| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMX2330UTM bảng dữ liệu(PDF) 39 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMX2330UTM bảng dữ liệu(HTML) 39 Page - National Semiconductor (TI) |
|
39 / 42 page ![]() 2.0 Programming Description (Continued) 2.7.3 PRE RF RF SYNTHESIZER PRESCALER SELECT RF N[20] The RF synthesizer utilizes a selectable dual modulus prescaler. LMX2330U RF Synthesizer Prescaler Select Control Bit Register Location Description Function 01 PRE RF RF N[20] RF Prescaler Select 32/33 Prescaler Selected 64/65 Prescaler Selected LMX2331U and LMX2332U RF Synthesizer Prescaler Select Control Bit Register Location Description Function 01 PRE RF RF N[20] RF Prescaler Select 64/65 Prescaler Selected 128/129 Prescaler Selected 2.7.4 PWDN RF RF SYNTHESIZER POWERDOWN RF N[21] The PWDN RF bit is used to switch the RF PLL between a powered up and powered down mode. Furthermore, the PWDN RF bit operates in conjuction with the TRI-STATE ID o RF bit to set a synchronous or an asynchronous powerdown mode. Control Bit Register Location Description Function 01 PWDN RF RF N[21] RF Powerdown RF PLL Active RF PLL Powerdown www.national.com 39 |